Electronic Components Datasheet Search
  English  ▼

X  

DFA06S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DFA06S
Description  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DFA06S Datasheet(HTML) 2 Page - Vishay Siliconix

  DFA06S Datasheet HTML 1Page - Vishay Siliconix DFA06S Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
40
60
80
100
120
140
160
0
0.5
1.0
1
10
100
0
5
10
15
20
25
30
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
0
20
40
60
80
100
0.01
0.1
1
10
100
1
10
100
1
10
100
0.01
0.1
1
10
100
0.1
1
10
100
Fig. 6 - Typical Transient Thermal
Impedance
Fig. 5 - Typical Junction Capacitance
Per Leg
t, Heating Time (sec.)
Reverse Voltage (V)
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
1.0 Cycle
60 HZ
Resistive or
Inductive Load
P.C.B mounted on
0.51 x 0.51" (13 x 13mm)
Copper pads
Fig. 3 - Typical Forward Characteristics
Per Leg
Instantaneous Forward Voltage (V)
TJ = 25°C
Pulse width = 300
µs
1% Duty Cycle
Fig. 1 - Derating Curve Output
Rectified Current
Ambient Temperature (
°C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
Number of Cycles at 60 Hz
TJ = 150°C
Single Sine-Wave
(JEDEC Method)
Fig. 4 - Typical Reverse Leakage
Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (V)
TJ = 125°C
TJ = 50°C
DF005SA thru DF10SA
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88574
2
25-Apr-03
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com