Electronic Components Datasheet Search
  English  ▼

X  

ASR8600 Datasheet(PDF) 3 Page - AMIC Technology

Part # ASR8600
Description  Ambient Light, Solar-UV, IR and Proximity Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

ASR8600 Datasheet(HTML) 3 Page - AMIC Technology

  ASR8600 Datasheet HTML 1Page - AMIC Technology ASR8600 Datasheet HTML 2Page - AMIC Technology ASR8600 Datasheet HTML 3Page - AMIC Technology ASR8600 Datasheet HTML 4Page - AMIC Technology ASR8600 Datasheet HTML 5Page - AMIC Technology ASR8600 Datasheet HTML 6Page - AMIC Technology ASR8600 Datasheet HTML 7Page - AMIC Technology ASR8600 Datasheet HTML 8Page - AMIC Technology ASR8600 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ASR8600
PRELIMINARY
(March, 2015, Version 0.0)
2
AMIC Technology Corp.
Brief Block Diagram
ALS
AMP.
AMBIENT
CANCELLATION
IR
AMP.
UV
AMP.
PS
AMP.
SDA
SCL
INT
GND
VDD
VDD
VLED
IR/Green
LD/LED
ASR8600
PS
GND
12bit
16bit (ASC)
8bit
Absolute Maximum Ratings*
Storage Temperature (TSTG) ………….. -40
°C to + 100°C
Lead Temperature during Soldering (Note 1)
D.C. Voltage on Any Pin to Ground Potential …………….
……………………………..……………... -0.6V to VCC +0.6V
Transient Voltage (<20ns) on Any Pin to Ground Potential..
……………………………………………. -2.0V to VCC +2.0V
Supply Voltage (VCC) …………..……………. -0.6V to +4.0V
Electrostatic Discharge Voltage (Human Body model)
(VESD) (Note 2) ………………..………… -2000V to 2000V
Notes:
1. Compliant with JEDEC Std J-STD-020B (for small body,
Sn-Pb or Pb assembly). For wave solder process, IC
could meet 265°C, 5secs.
2. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500Ω,
R2=500Ω)
*Comments
Stressing the device above the rating listed in the Absolute
Maximum Ratings may cause permanent damage to the
device. These are stress ratings only and operation of the
device at these or any other conditions above those
indicated in the operating sections of this specification is
not implied. Exposure to Absolute Maximum Rating
conditions
for
extended
periods
may
affect
device
reliability.
Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.5
3.6
V
TA
Operating Temperature
-40
85
°C
ILI
Input Leakage Current
± 2
µA
ILO
Output Leakage Current
± 2
µA
VIL
Input Low Voltage
–0.5
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
ISINK = 6mA
0.4
V
ICC1
Standby Current
No I2C activity
5
15
µA
ALS only
µA
IR only
µA
PS only
µA
PS only (LED pulse off)
µA
ICC2
Operating Current
(@Wait Time=mS)
Solar UV only
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com