Electronic Components Datasheet Search
  English  ▼

X  

GSD2004A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSD2004A
Description  Dual Common-Anode Small-Signal High-Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSD2004A Datasheet(HTML) 2 Page - Vishay Siliconix

  GSD2004A Datasheet HTML 1Page - Vishay Siliconix GSD2004A Datasheet HTML 2Page - Vishay Siliconix GSD2004A Datasheet HTML 3Page - Vishay Siliconix GSD2004A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85727
Rev. 1.3, 08-Jul-04
VISHAY
GSD2004A
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on Fiberglass Substrate, see layout on bottom of second page
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 100 µAVBR
300
V
Leakage current
VR = 240 V
IR
100
nA
VR = 240 V, Tj = 150 °C
IR
100
µA
Forward voltage
IF = 20 mA
VF
0.83
0.87
V
IF = 100 mA
VF
1.00
V
Diode capacitance
VF = VR = 0, f = 1 MHz
Ctot
5.0
pF
Reverse recovery time
IF = IA = 30 mA, Irr = 3.0 mA,
RL = 100 Ω
trr
50
ns
Figure 1. Typical Instantaneous Forward Characteristics
Figure 2. Typical Reverse Characteristics
18543
= 150
°C
TJ
100
°C
25
°C
100
1000
200 300 400 500 600 700 800 900
100
10
1
0.1
VF - Forward Voltage ( mV )
18544
102
103
104
105
10
0
50
100
150
200
250
VR - Reverse Voltage(V)
= 150
°C
TJ
100°C
25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com