Electronic Components Datasheet Search
  English  ▼

X  

HCPL2531 Datasheet(PDF) 4 Page - Texas Instruments

Part # HCPL2531
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL2531 Datasheet(HTML) 4 Page - Texas Instruments

  HCPL2531 Datasheet HTML 1Page - Texas Instruments HCPL2531 Datasheet HTML 2Page - Texas Instruments HCPL2531 Datasheet HTML 3Page - Texas Instruments HCPL2531 Datasheet HTML 4Page - Texas Instruments HCPL2531 Datasheet HTML 5Page - Texas Instruments HCPL2531 Datasheet HTML 6Page - Texas Instruments HCPL2531 Datasheet HTML 7Page - Texas Instruments HCPL2531 Datasheet HTML 8Page - Texas Instruments HCPL2531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Transfer Characteristics (TA = 0 to 70°C Unless otherwise specified)
** All Typicals at TA = 25°C
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
COUPLED
(IF = 16 mA, VO = 0.4 V)
(VCC = 4.5 V, TA =25°C)
CTR
6N135
HCPL-2530
718
50
%
Current transfer ratio
(Note 5)
6N136
HCPL-4502
HCPL-2531
19
27
50
%
HCPL-2503
12
27
%
(IF = 16 mA, VCC = 4.5 V)
VOL=0.4V
6N135
5
21
%
VOL=0.5V
HCPL-2530
VOL=0.4V
6N136
HCPL-4502
15
30
%
VOL=0.5V
HCPL-2531
VOL=0.4V
HCPL-2503
9
30
%
Logic low output voltage
output voltage
(IF = 16 mA, IO = 1.1 mA)
(VCC = 4.5 V, TA =25°C)
VOL
6N135
0.18
0.4
V
HCPL-2530
0.18
0.5
(IF = 16 mA, IO = 3 mA)
(VCC = 4.5 V, TA =25°C)
6N136
HCPL-2503
0.25
0.4
HCPL-2531
0.25
0.5
(IF = 16 mA, IO = 0.8 mA)
(VCC = 4.5 V)
6N135
HCPL-2530
0.5
(IF = 16 mA, IO = 2.4 mA)
(VCC = 4.5 V)
HCPL-4502
HCPL-2531
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com