Electronic Components Datasheet Search
  English  ▼

X  

MSN23P09S Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSN23P09S
Description  20V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSN23P09S Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSN23P09S Datasheet HTML 1Page - Bruckewell Technology LTD MSN23P09S Datasheet HTML 2Page - Bruckewell Technology LTD MSN23P09S Datasheet HTML 3Page - Bruckewell Technology LTD MSN23P09S Datasheet HTML 4Page - Bruckewell Technology LTD MSN23P09S Datasheet HTML 5Page - Bruckewell Technology LTD MSN23P09S Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSN23P09S
20V P-Channel MOSFETs
Publication Order Number: [MS69P05]
© Bruckewell Technology Corporation Rev. A -2016
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
PD
Power Dissipation (TC = 25°C)
Power Dissipation
– Derate above 25°C
1.56
W
0.012
W/°C
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJA
Thermal Resistance,Junction-to-Ambient
--
--
80
°C/W
Electrical Characteristics (TJ=25°C, unless otherwise noted)
Off Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS =0 V , ID = 250μA
-60
--
--
V
△BV
DSS
/
△T
J
BVDSS Temperature Coefficient
ID = -1mA, Referenced
to 25°C
--
-0.05
--
V/°C
IDSS
Drain-Source Leakage Current
VDS = -20 V , TJ= 25°C
VDS = -16 V , TJ= 125°C
--
--
-1
-10
uA
IGSS
Gate-Source Leakage,Forward
VGS = ±10 V , VDS = 0 V
--
--
±100
nA
On Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 uA
-0.3
-0.6
-1
V
RDS(ON)
Static Drain-Source
On-state Resis-tance
VGS = -4.5 V , ID = -4 A
VGS = -2.5 V , ID = -3 A
VGS = -1.8 V , ID = -2 A
28
37
49
33
45
65
m
Ω
△V
GS(th)
Gate Threshold Voltage
VGS = VGS, ID = 250 uA
2
mV/°C
gfs
Forward Transconductance
VDS = -10V , IS = -3 A
8.4
S
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
2,3
VDS = -10 V,
VGS = -4.5 V,
ID = -4 A
--
16.1
25
nC
Qgs
Gate-Source Charge
2,3
--
1.8
3
nC
Qgd
Gate-Drain Charge
2,3
--
3.8
7
nC
CISS
Input Capacitance
VGS = 0 V,
VDS = -15 V,
f = 1MHz
--
1440
2100
pF
COSS
Output Capacitance
--
155
230
pF
CRSS
Reverse Transfer Capacitance
--
115
170
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com