Electronic Components Datasheet Search
  English  ▼

X  

MS69P05 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS69P05
Description  60V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS69P05 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS69P05 Datasheet HTML 1Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 2Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 3Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 4Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 5Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS69P05
60V P-Channel MOSFETs
Publication Order Number: [MS69P05]
© Bruckewell Technology Corporation Rev. A -2016
Description
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
Features
• -60V,-20A, RDS(O
N) =48mΩ@VGS = -10V
• Improved dv/dt capability
• Green Device Available
• 100% EAS Guaranteed
• Fast Switching
• RoHS compliant package
Application
• Motor Drive
• Power Tools
• LED Lighting
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain to Source Voltage
-60
V
VGS
Gate to Source Voltage
±20
V
ID
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
-20
-13
A
IDM
Drain Current Pulsed
-80
A
EAS
Single Pulsed Avalanche Energy
2
51
mJ
IAS
Single Pulsed Avalanche Current
2
-32
A
PD
Power Dissipation (TC = 25°C)
Power Dissipation
– Derate above 25°C
46
W
0.37
W/°C


Similar Part No. - MS69P05

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6901 MOSA-MS6901 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
MS6901MGTR MOSA-MS6901MGTR Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
MS6901MGU MOSA-MS6901MGU Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Bruckewell Technology L...
MS69N68 BWTECH-MS69N68 Datasheet
749Kb / 6P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - MS69P05

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2P7002S FS-FTK2P7002S Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6903 FS-FTK6903 Datasheet
783Kb / 5P
60V P-Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907 FS-FTK6907 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6907I FS-FTK6907I Datasheet
891Kb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com