Electronic Components Datasheet Search
  English  ▼

X  

MS34N02 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS34N02
Description  30V(D-S) N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS34N02 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS34N02 Datasheet HTML 1Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 2Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 3Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 4Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 5Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 6Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MS34N02
30V(D-S) N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MS34N02]
© Bruckewell Technology Corporation Rev. A -2016
Switching Characteristics (Note 4)
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-on Delay Time
VDD = 15 V , ID = 1 A
VGS= 10 V , RGEN = 6 Ω
--
3.5
--
ns
tr
Turn-on Rise Time
--
1.5
--
ns
td(off)
Turn-Off Delay Time
--
17.5
--
ns
tf
Turn-Off Fall Time
--
2.5
--
ns
Qg
Total Gate Charge
VDS = 15 V , ID = 3 A,
VGS = 10 V
--
10
--
nC
Qgs
Gate-Source Charge
--
0.95
--
nC
Qgd
Gate-Drain Charge
--
1.6
--
nC
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VSD
Diode Forward Voltage (Note 3)
VGS = 0 V , IS = 3 A
--
--
-1.2
V
IS
Diode Forward Current (Note 2)
--
--
3
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com