Electronic Components Datasheet Search
  English  ▼

X  

MMBT3906 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MMBT3906
Description  PNP General Purpose Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MMBT3906 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MMBT3906 Datasheet HTML 1Page - Bruckewell Technology LTD MMBT3906 Datasheet HTML 2Page - Bruckewell Technology LTD MMBT3906 Datasheet HTML 3Page - Bruckewell Technology LTD MMBT3906 Datasheet HTML 4Page - Bruckewell Technology LTD MMBT3906 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBT3906
PNP General Purpose Amplifier
Publication Order Number: [MMBT3906]
© Bruckewell Technology Corporation Rev. A -2014
THERMAL CHARACTERISTICS
Symbol
Characteristic
Rating
Unit
PD
Total Device Dissipation
Alumina Substrate
TA=25°C
Derate above 25°C
300
2.4
mW
mW/°C
RθJA
Thermal Resistance Junction to Ambient
417
°C/W
TJ,Tstg
Junction and Storage Temperature
150°C, -55 to + 150°C
DEVICE MARKING
MMBT3906=2A
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
OFF CHARACTERISTICS
Symbol
Characteristic
Min
Max
Unit
V(BR)CEO
Collector-Emitter Breakdown Voltage(3)
(IC = -1.0mAdc , IB = 0 )
-40
--
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC = -10μAdc , IE = 0 )
-40
--
Vdc
V(BR)CEO
Emitter-Base Breakdown Voltage
(IE = -10μAdc , IC = 0 )
-6.0
--
Vdc
IBEX
Base Cutoff Current
(VCE = -30Vdc , VEB = -3.0 Vdc )
--
-50
nAdc
ICEX
Collector Cutoff Current
(VCE= -30Vdc , VEB = -3.0 Vdc )
--
-50
nAdc
ON CHARACTERISTICS
Symbol
Characteristic
Min
Max
Unit
hPE
DC Current Gain
--
IC = -0.1mAdc , VCE = -1.0Vdc
40
--
IC = -1.0mAdc , VCE = -1.0Vdc
70
--
IC = -10mAdc , VCE = -1.0Vdc
100
300
IC = -50mAdc , VCE = -1.0Vdc
60
--
IC = -100mAdc , VCE = -1.0Vdc
30
--
VCE(sat)
Collector-Emitter Saturation Voltage
(IC = -10mAdc ,VB = -1.0 mAdc )
(IC = -50mAdc ,VB = -5.0 mAdc )
--
--
-0.25
-0.4
Vdc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com