Electronic Components Datasheet Search
  English  ▼

X  

MBRF10200CT Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MBRF10200CT
Description  Dual Common-Cathode Ultra Low VF Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MBRF10200CT Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MBRF10200CT Datasheet HTML 1Page - Bruckewell Technology LTD MBRF10200CT Datasheet HTML 2Page - Bruckewell Technology LTD MBRF10200CT Datasheet HTML 3Page - Bruckewell Technology LTD MBRF10200CT Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBRF10200CT
Publication Order Number: MBRF10200CT
©Bruckewell Technology Corporation Rev. A -2014
Product profile
Dual Common-Cathode Ultra Low VF Schottky Rectifier
General description
Rectifiers 10 Amp 200V
Features
•
Guard ring for overvoltage protection
•
Lower power losses, high efficiency
•
Low forward voltage drop
•
Low leakage current
•
High forward surge capability
•
High frequency operation
•
Solder Dip 260 °C, 40 s
•
Component in accordance to ROHS 2002/95/EC
and WEEE 2002/96/EC
Typical applications
For use in high frequency rectifier of switching mode
power supplies, freewheeling diodes, dc-to-dc
converters or polarity protection application.
Mechanical data
Case: ITO-220AB
Molding compound meets UL 94 V-0 flammability rating
Terminals: Matte tin plated leads, solderable per meets
JESD 201
Polarity: As marked
Weight: 2.3 grams
Mounting Torque: 10 in-lbs maximum
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
MBRF10200CT
Unit
Maximum repetitive peak reverse voltage
VRRM
200
V
RMS Voltage (Max.)
VRMS
140
V
Working peak reverse voltage
VRWM
200
V
Maximum average forward rectified current
Total Device
IF(AV)
10
A
Peak forward surge current
IFSM
120
A
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJC
4.5
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Similar Part No. - MBRF10200CT

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MBRF10200CT DIOTECH-MBRF10200CT Datasheet
866Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
MBRF10200CT KEC-MBRF10200CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Taiwan Semiconductor Co...
MBRF10200CT TSC-MBRF10200CT Datasheet
187Kb / 2P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Tak Cheong Electronics ...
MBRF10200CT TAK_CHEONG-MBRF10200CT Datasheet
154Kb / 4P
10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
logo
Rugao Dachang Electroni...
MBRF10200CT DACHANG-MBRF10200CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
More results

Similar Description - MBRF10200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT Datasheet
157Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
logo
Bruckewell Technology L...
TMBR2080CT BWTECH-TMBR2080CT Datasheet
437Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBR20L45CT BWTECH-MBR20L45CT Datasheet
116Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR30150CT BWTECH-TMBR30150CT Datasheet
111Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBRF30150CT BWTECH-TMBRF30150CT Datasheet
113Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF30200CT BWTECH-MBRF30200CT Datasheet
140Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
SBL25L30CT VISHAY-SBL25L30CT_V01 Datasheet
160Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
19-Sep-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com