Electronic Components Datasheet Search
  English  ▼

X  

AS3BJ Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # AS3BJ
Description  AVALANCHE SURFACE MOUNT RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

AS3BJ Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  AS3BJ Datasheet HTML 1Page - SUNMATE electronic Co., LTD AS3BJ Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
AS3BJ
AVALANCHE SURFACE MOUNT RECTIFIER DIODES
VOLTAGE RANGE: 600V
Notes
(1) Mounted on 14 mm x 14 mm x 2 areas, 1 oz. FR4 PCB
(2) Free air, mounted on recommended 1.52 mm x 2.18 mm x 2 pad areas
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum DC forward current (fig. 1)
IF (1)
3.0
A
IF (2)
2.0
Peak forward surge current 10 ms single half sine-wave,
non-repetitive, TJ = 25 °C
IFSM
90
A
Non-repetitive avalanche energy at TJ = 25 °C
IAS = 2.0 A max.
EAS
20
mJ
IAS = 1.0 A typ.
30
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C
Features
Mechanical Data
Low profile package
Ideal for automated placement
Glass passivated chip junction
Controlled avalanche characteristics
Low leakage current
High forward surge capability
!
Case: SMB/DO-214AA, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.093 grams (approx.)
!
!
!
!
!
!
CURRENT: 3.0 A
Characteristic
S3BJ
A
Symbol
Unit
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
www.sunmate.tw
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J


Similar Part No. - AS3BJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AS3BJ VISHAY-AS3BJ Datasheet
88Kb / 4P
Avalanche Surface Mount Rectifiers
31-May-11
AS3BJ VISHAY-AS3BJ Datasheet
99Kb / 4P
Avalanche Surface Mount Rectifiers
01-Dec-16
AS3BJ VISHAY-AS3BJ Datasheet
100Kb / 4P
Standard Avalanche Surface-Mount Rectifiers
20-Feb-2020
AS3BJ-M3/52T VISHAY-AS3BJ-M3/52T Datasheet
99Kb / 4P
Avalanche Surface Mount Rectifiers
01-Dec-16
AS3BJ-M3/5BT VISHAY-AS3BJ-M3/5BT Datasheet
99Kb / 4P
Avalanche Surface Mount Rectifiers
01-Dec-16
More results

Similar Description - AS3BJ

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW54 EIC-BYW54 Datasheet
50Kb / 2P
AVALANCHE RECTIFIER DIODES
logo
Diotec Semiconductor
EAL1A DIOTEC-EAL1A Datasheet
107Kb / 2P
Superfast Switching Surface Mount Controlled Avalanche Rectifier Diodes
logo
SUNMATE electronic Co.,...
GS1AF SUNMATE-GS1AF Datasheet
516Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS2A SUNMATE-GS2A Datasheet
576Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5A SUNMATE-GS5A Datasheet
314Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S6A SUNMATE-S6A Datasheet
668Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07AF SUNMATE-S07AF Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER DIODES
BYW54 SUNMATE-BYW54 Datasheet
308Kb / 2P
AVALANCHE RECTIFIER DIODES
logo
Semikron International
SKEA1 SEMIKRON-SKEA1 Datasheet
330Kb / 5P
avalanche rectifier diodes
logo
EIC discrete Semiconduc...
BYW54 EIC-BYW54_V01 Datasheet
111Kb / 2P
AVALANCHE RECTIFIER DIODES
Rev. 05:February 12, 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com