Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3135 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3135
Description  TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3135 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS570LS3135 Datasheet HTML 5Page - Texas Instruments TMS570LS3135 Datasheet HTML 6Page - Texas Instruments TMS570LS3135 Datasheet HTML 7Page - Texas Instruments TMS570LS3135 Datasheet HTML 8Page - Texas Instruments TMS570LS3135 Datasheet HTML 9Page - Texas Instruments TMS570LS3135 Datasheet HTML 10Page - Texas Instruments TMS570LS3135 Datasheet HTML 11Page - Texas Instruments TMS570LS3135 Datasheet HTML 12Page - Texas Instruments TMS570LS3135 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 170 page
background image
TMS570LS3135, TMS570LS2135, TMS570LS2125
www.ti.com
SPNS164C – APRIL 2012 – REVISED APRIL 2015
3
Device Comparison
Table 3-1 lists the features of the TMS570LS2125/LS2135/LS3135 devices.
Table 3-1. TMS570LS2125, LS2135, LS3135 Device Comparison(1)(2)
FEATURES
DEVICES
Generic Part
TMS570LC4357ZWT
(3)
TMS570LS3137ZWT
(3)
TMS570LS3135ZWT
TMS570LS3135PGE
TMS570LS2135ZWT
TMS570LS2135PGE
TMS570LS2125ZWT
TMS570LS2125PGE
TMS570LS1227ZWT
(3)
Number
Package
337 BGA
337 BGA
337 BGA
144 QFP
337 BGA
144 QFP
337 BGA
144 QFP
337 BGA
CPU
ARM Cortex-R5F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
Frequency (MHz)
300
180
180
160
180
160
180
160
180
32 I
Cache (KB)
–
–
–
–
–
–
–
–
32 D
Flash (KB)
4096
3072
3072
3072
2048
2048
2048
2048
1280
RAM (KB)
512
256
256
256
256
256
192
192
192
Data Flash
128
64
64
64
64
64
64
64
64
[EEPROM] (KB)
EMAC
10/100
10/100
–
–
–
–
–
–
10/100
FlexRay
2-ch
2-ch
2-ch
2-ch
2-ch
2-ch
2-ch
2-ch
2-ch
CAN
4
3
3
3
3
3
3
3
3
MibADC
2 (41ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
12-bit (Ch)
N2HET (Ch)
2 (64)
2 (44)
2 (50)
2 (50)
2 (44)
2 (40)
2 (44)
2 (40)
2 (44)
ePWM Channels
14
–
–
–
–
–
–
–
14
eCAP Channels
6
–
–
–
–
–
–
–
6
eQEP Channels
2
–
–
–
–
–
–
–
2
MibSPI (CS)
5 (4 x 6 + 2)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
SPI (CS)
–
2 (2 + 1)
2 (2 + 1)
1 (1)
2 (2 + 1)
1 (1)
2 (2 + 1)
1 (1)
2 (2 + 1)
SCI (LIN)
4 (2 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2
1
1
1
1
1
1
1
1
I
2C
168 (with 16 interrupt
144 (with 16 interrupt
144 (with 16 interrupt
58 (with 4 interrupt
144 (with 16 interrupt
58 (with 4 interrupt
144 (with 16 interrupt
58 (with 4 interrupt
101 (with 16 interrupt
GPIO (INT)
(4)
capable)
capable)
capable)
capable)
capable)
capable)
capable)
capable)
capable)
EMIF
16-bit data
16-bit data
16-bit data
–
16-bit data
–
16-bit data
–
16-bit data
ETM (Trace)
32-bit
32-bit
32-bit
–
32-bit
–
32-bit
–
–
RTP/DMM
16/16
16/16
16/16
–
16/16
–
16/16
–
–
Operating
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
Temperature
Core Supply (V)
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
I/O Supply (V)
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
(1)
For additional device variants, see www.ti.com/tms570
(2)
This table reflects the maximum configuration for each peripheral. Some functions are multiplexed and not all pins are available at the same time.
(3)
Superset device
(4)
Total number of pins that can be used as general-purpose input or output when not used as part of a peripheral
Copyright © 2012–2015, Texas Instruments Incorporated
Device Comparison
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com