Electronic Components Datasheet Search
  English  ▼

X  

EC11FS4 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # EC11FS4
Description  SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EC11FS4 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  EC11FS4 Datasheet HTML 1Page - SUNMATE electronic Co., LTD EC11FS4 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 400V
Low Forward Voltage Drop
EC11FS4
Miniature Size,Surface Mount Device
High Surge Capability
Packaged in 12mm Tape and Reel
Features
Low Power Loss,High Efficiency
Not Rolling During Assembly
CURRENT: 1.0 A
Ultra-Fast Recovery
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
0.76
20
1.57
1.0
V
V
A
A
A
-40 to +150
°C
-40 to +150
°C
RRM
IO
IF(RMS)
IFSM
Tjw
Tstg
Symbol
Unit
RepetitivePeak Reverse Voltage
Average Rectified Forward Current 50Hz Half Sine Wave Resistive Load
R.M.S.Forward Current
Surge Forward Current 50Hz Half Sine Wave,Icycle,Non-repetitive
Operating Junction Temperature Range
Storage Temperature Range
400
Non-repetitive Peak Reverse Voltage
440
VRSM
V
30
1 .25
-
-
2 0
µA
-
-
V
n s
trr
-
-
-
-
1 5 7
-
-
1 0 8
°C /W
IRM
VFM
Rth(j-a)
M in.
Typ.
M ax.
Characteristic
Peak Reverse Current
Tj= 25
°C,
V RM = V RRM
Peak Forward Voltage Tj= 25
°C, I FM = 0.8A
Reverse Recovery Time I FM
s, Ta = 2 5
° C
-di/dt= 50A/
= 1A,
Thermal Resistance
Junction to Ambient *1
*2
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Mechanical Data
Case: SMB/DO-214AA, Molded Plastic
Weight: 0.093 grams (approx.)
!
!
!
!
!
!
!
1 Glass Epoxy Substrate Mounted (Soldering Lands=2x2mm,Both Sides)
2 Alumina Substrate Mounted (Soldering Lands=2x2mm,Both Sides)
Unit
Symbol
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER DIODES
EC11FS4
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
www.sunmate.tw
1 of 2


Similar Part No. - EC11FS4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EC11FS4 NIEC-EC11FS4 Datasheet
53Kb / 5P
FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
EC11FS4 KSS-EC11FS4 Datasheet
799Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
EC11FS4_2015 NI-EC11FS4_2015 Datasheet
124Kb / 1P
FRED
More results

Similar Description - EC11FS4

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EC10UA40 SUNMATE-EC10UA40 Datasheet
402Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
ER3AB SUNMATE-ER3AB Datasheet
871Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
ER3AF SUNMATE-ER3AF Datasheet
309Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5A SUNMATE-ER5A Datasheet
464Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5AF SUNMATE-ER5AF Datasheet
426Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AA SUNMATE-ES3AA Datasheet
369Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AF SUNMATE-ES3AF Datasheet
335Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AF SUNMATE-ES5AF Datasheet
340Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ESH3B SUNMATE-ESH3B Datasheet
499Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
MURS305 SUNMATE-MURS305 Datasheet
310Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com