Electronic Components Datasheet Search
  English  ▼

X  

ER3AB Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ER3AB
Description  SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER3AB Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ER3AB Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER3AB Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cost
Low leakage
Low forward voltage drop
High current capability
Maximum recurrent peak reverse voltage
VRRM
100
150
200
300
400
600
V
Maximum RMS voltage
VRMS
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
100
150
200
300
400
600
V
Maximum average forw ard rectified current
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 3.0A
VF
1.7
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=125
Maximum reverse recovery time (Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
1.25
3.Thermal resistance junction to ambient.
A
10
0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
A
5.0
Easily cleaned with alcohol,Isopropanol
IF(AV)
3
.0
50
35
- 55 ----- + 150
4
0
35
95
30
0
50
0.95
The plastic material carries U/L recognition 94V-0
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Features
!
!
!
!
!
!
!
and similar solvents
!
!
per MIL-STD-750, Method 2026
!
!
!
Mechanical Data
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
Case: SMB/DO-214AA, Molded Plastic
Terminals: Solder Plated, Solderable
Polarity: Cathode Band or Cathode Notch
Marking: Type Number
Weight: 0.093 grams (approx.)
VOLTAGE RANGE: 50 - 600V
CURRENT: 3.0 A
ER3AB - ER3JB
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER DIODES
Characteristic
Symbol
1 of 2
www.sunmate.tw
Unit
ER3AB ER3BB ER3CB ER3DB ER3EB ER3GB ER3JB


Similar Part No. - ER3AB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER3AB MCC-ER3AB Datasheet
362Kb / 3P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
logo
Galaxy Semi-Conductor H...
ER3AB BILIN-ER3AB Datasheet
167Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Micro Commercial Compon...
ER3AB MCC-ER3AB Datasheet
270Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
ER3AB LUGUANG-ER3AB Datasheet
214Kb / 2P
Surface Mount Rectifiers
logo
Micro Commercial Compon...
ER3AB MCC-ER3AB Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - ER3AB

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EC10UA40 SUNMATE-EC10UA40 Datasheet
402Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
EC11FS4 SUNMATE-EC11FS4 Datasheet
453Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
ER3AF SUNMATE-ER3AF Datasheet
309Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5A SUNMATE-ER5A Datasheet
464Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5AF SUNMATE-ER5AF Datasheet
426Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AA SUNMATE-ES3AA Datasheet
369Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AF SUNMATE-ES3AF Datasheet
335Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AF SUNMATE-ES5AF Datasheet
340Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ESH3B SUNMATE-ESH3B Datasheet
499Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
MURS305 SUNMATE-MURS305 Datasheet
310Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com