Electronic Components Datasheet Search
  English  ▼

X  

LH1502 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1502
Description  Dual 1 Form A/B, C Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1502 Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1502 Datasheet HTML 1Page - Vishay Siliconix LH1502 Datasheet HTML 2Page - Vishay Siliconix LH1502 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 83806
www.vishay.com
Revision 17-August-01
3–44
Absolute Maximum Ratings, TA=25°C
Stresses in excess of the Absolute Maximum Ratings can cause permanent
damage to the device. These are absolute stress ratings only. Functional opera-
tion of the device is not implied at these or any other conditions in excess of
those given in the operational sections of the data sheet. Exposure to maximum
rating conditions for extended periods can adversely affect device reliability.
Ambient Operating Temperature Range, TA ....................–40 to +85°C
Storage Temperature Range, Tstg ..................................–40 to +125°C
Pin Soldering Temperature, t=10 s max, TS ................................ 260°C
Input/Output Isolation Test Voltage,
t=1.0 s, IISO=10 µA max., VISO ...........................................3750 VRMS
Pole-to-Pole Isolation Voltage (S1 to S2)*
(dry air, dust free, at sea level) ................................................. 1600 V
LED Continuous Forward Current, IF ..........................................50 mA
LED Reverse Voltage, IR≤10 µA, VR..............................................8.0 V
dc or Peak ac Load Voltage, IL≤50 µA, VL...................................350 V
Continuous dc Load Current, IL
(Form C Operation) .................................................................150 mA
Peak Load Current, IP
(t=100 ms) Form A ............................................................................ †
(single shot) Form B ................................................................350 mA
Output Power Dissipation (continuous), PDISS .........................600 mW
*
Breakdown occurs between the output pins external to the package.
† Refer to Current Limit Performance Application Note for a discussion on
relay operation during transient currents.
Recommended Operating Conditions
90
0
60
120
150
30
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
FORM A
5.0 mA
90
0
50
150
120
30
–40
–20
0
20
40
60
80
Ambient Temperature (
°C)
5.0 mA
FORM B
Electrical Characteristics, TA=25°C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of
engineering evaluations. Typical values are for information only and are not part of the testing requirements.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Input
LED Forward Current for Switch Turn-on
(NO)
IFon
—
0.6
2.0
mA
IL=100 mA, t=10 ms
LED Forward Current for Switch Turn-off
(NO)
IFoff
0.4
0.5
—
mA
VL=±300 V
LED Forward Current for Switch Turn-on
(NC)
IFon
0.2
0.9
—
mA
IL=100 mA, t=10 ms
LED Forward Current for Switch Turn-off
(NC)
IFoff
—
1.0
2.0
mA
VL=±300 V
LED Forward Voltage
VF
1.15
1.26
1.45
V
IF=10 mA
Output
ON-resistance:
(NO, NC)
RON
12
20
25
Ω
IF=5.0 mA (NO)
0 mA (NC)
IL=50 mA (NC)
OFF-resistance:
(NO)
ROFF
0.35
5000
—
G
Ω
IF=0 mA, VL=±100 V
(NC)
0.1
1.4
—
IF=5.0 mA, VL=±100 V
Current Limit
(NO)
ILMT
270
290
380
mA
IF=5.0 mA, t=5.0 ms
VL=±5.0 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com