Electronic Components Datasheet Search
  English  ▼

X  

TP3054 Datasheet(PDF) 13 Page - Texas Instruments

Part # TP3054
Description  Enhanced Serial Interface CODEC/Filter COMBO Family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TP3054 Datasheet HTML 9Page - Texas Instruments TP3054 Datasheet HTML 10Page - Texas Instruments TP3054 Datasheet HTML 11Page - Texas Instruments TP3054 Datasheet HTML 12Page - Texas Instruments TP3054 Datasheet HTML 13Page - Texas Instruments TP3054 Datasheet HTML 14Page - Texas Instruments TP3054 Datasheet HTML 15Page - Texas Instruments TP3054 Datasheet HTML 16Page - Texas Instruments TP3054 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Applications Information
POWER SUPPLIES
While the pins of the TP305X family are well protected
against electrical misuse it is recommended that the stan-
dard CMOS practice be followed ensuring that ground is
connected to the device before any other connections are
made In applications where the printed circuit board may be
plugged into a ‘‘hot’’ socket with power and clocks already
present an extra long ground pin in the connector should
be used
All ground connections to each device should meet at a
common point as close as possible to the GNDA pin This
minimizes the interaction of ground return currents flowing
through a common bus impedance 01 mF supply decou-
pling capacitors should be connected from this common
ground point to VCC and VBB as close to the device as
possible
For best performance the ground point of each CODEC
FILTER on a card should be connected to a common card
ground in star formation rather than via a ground bus
This common ground point should be decoupled to VCC and
VBB with 10 mF capacitors
RECEIVE GAIN ADJUSTMENT
For applications where a TP305X family CODECfilter re-
ceive output must drive a 600X load but a peak swing lower
than g25V is required the receive gain can be easily ad-
justed by inserting a matched T-pad or q-pad at the output
Table II lists the required resistor values for 600X termina-
tions As these are generally non-standard values the equa-
tions can be used to compute the attenuation of the closest
practical set of resistors It may be necessary to use un-
equal values for the R1 or R4 arms of the attenuators to
achieve a precise attenuation Generally it is tolerable to
allow a small deviation of the input impedance from nominal
while still maintaining a good return loss For example a 30
dB return loss against 600X is obtained if the output imped-
ance of the attenuator is in the range 282X to 319X (as-
suming a perfect transformer)
T-Pad Attenuator
R1 e Z1
N
2 a 1
N2 b 1
J b20Z1Z2  N
N2 b 1
J
R2 e 2
0Z1Z2
 N
N2 b 1
J
Where N e
0 POWERIN
POWER OUT
and
S e
0Z1Z2
Also Z e
0ZSC  ZOC
Where ZSC e impedance with short circuit termination
and ZOC e impedance with open circuit termination
q-Pad Attenuator
TLH5510 – 5
R3 e
0Z1Z2
2
N
2 b 1
N
J
R3 e Z1
 N
2 b 1
N2 b 2NS a 1
J
Note
See Application Note 370 for further details
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com