Electronic Components Datasheet Search
  English  ▼

X  

2N7002K Datasheet(PDF) 3 Page - Formosa MS

Part # 2N7002K
Description  N-Channel SMD MOSFET ESD Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2N7002K Datasheet(HTML) 3 Page - Formosa MS

  2N7002K Datasheet HTML 1Page - Formosa MS 2N7002K Datasheet HTML 2Page - Formosa MS 2N7002K Datasheet HTML 3Page - Formosa MS 2N7002K Datasheet HTML 4Page - Formosa MS 2N7002K Datasheet HTML 5Page - Formosa MS 2N7002K Datasheet HTML 6Page - Formosa MS 2N7002K Datasheet HTML 7Page - Formosa MS 2N7002K Datasheet HTML 8Page - Formosa MS 2N7002K Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
o
Electrical characteristics (AT T =25 C unless otherwise noted)
A
PARAMETER
Gate Threshold Voltage
Drain-Source On-State Resistance
Zero Gate Voltage Drai n Current
Gate-Body leakage Current
Forward TransConductance
Total Gate Charge
Turn-On Delay Time
Turn-Off Delay Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
V
= 0V, I = 10µA
GS
D
V
DS = V
, I = 250µA
GS
D
V
= 60V,
DS
V
= 0V
GS
V
= ±20V,
0V
GS
V
=
DS
V
= 15V, I = 200mA
DS
D
V
= 4.5V
GS
CONDITIONS
Symbol
BV
DSS
V
GS(th)
R
DS(on)
I
DSS
I
GSS
g
fS
Q
g
t
on
t
off
C
iss
C
oss
C
rss
MIN.
60
1.0
100
TYP.
MAX.
2.5
3.0
1
±10
0.8
20
40
35
10
5
UNIT
V
V
µA
µA
nC
ns
pF
DYNAMIC
Drain-source Breakdown Voltage
V
= 30V, R = 150Ω, I = 200mA,
DD
L
D
V
= 10V, R = 10Ω
gen
G
V
= 25V,
DS
f = 1.0 MHz
V
= 0V
GS
V
= 15V, I = 250mA
DS
D
2N7002K
Document ID
Issued Date
Revised Date
Revision
Page.
V
= 4.5V, I = 200mA
GS
D
V
= 10V, I = 500mA
GS
D
4.0
Source-Drain Diode
V
SD
Diode Forward Voltage
0.82
V
1.3
I =200mA, V =0V
S
GS
Ω
ms
STATIC
Switching
Test Circuit
Gate Charge
Test Circuit
V
OUT
R
G
V
IN
V
DD
R
L
DUT
D
G
S
V
GS
1mA
R
G
V
GS
V
DD
R
L
DUT
D
G
S
V
GS
DS-251105
2008/02/10
2012/10/24
G
9
N-Channel SMD MOSFET ESD Protection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com