Electronic Components Datasheet Search
  English  ▼

X  

TP3064 Datasheet(PDF) 2 Page - Texas Instruments

Part # TP3064
Description  Enhanced Serial Interface CMOS CODEC/Filter COMBO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3064 Datasheet(HTML) 2 Page - Texas Instruments

  TP3064 Datasheet HTML 1Page - Texas Instruments TP3064 Datasheet HTML 2Page - Texas Instruments TP3064 Datasheet HTML 3Page - Texas Instruments TP3064 Datasheet HTML 4Page - Texas Instruments TP3064 Datasheet HTML 5Page - Texas Instruments TP3064 Datasheet HTML 6Page - Texas Instruments TP3064 Datasheet HTML 7Page - Texas Instruments TP3064 Datasheet HTML 8Page - Texas Instruments TP3064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TLH5070
October 1991
TP3064 TP3067
‘‘Enhanced’’ Serial Interface
CMOS CODECFilter COMBO
General Description
The TP3064 (m-law) and TP3067 (A-law) are monolithic
PCM CODECFilters utilizing the AD and DA conversion
architecture shown in
Figure 1 and a serial PCM interface
The devices are fabricated using National’s advanced dou-
ble-poly CMOS process (microCMOS)
Similar to the TP305X family these devices feature an addi-
tional Receive Power Amplifier to provide push-pull bal-
anced output drive capability The receive gain can be ad-
justed by means of two external resistors for an output level
of up to g66V across a balanced 600X load
Also included is an Analog Loopback switch and a TSX out-
put
See also AN-370 ‘‘Techniques for Designing with CODEC
Filter COMBO Circuits’’
COMBO
and TRI-STATE
are registered trademarks of National Semiconductor Corpora-
tion
Features
Y
Complete CODEC and filtering system including
Transmit high-pass and low-pass filtering
Receive low-pass filter with sin xx correction
Active RC noise filters
m
-law or A-law compatible COder and DECoder
Internal precision voltage reference
Serial IO interface
Internal auto-zero circuitry
Receive push-pull power amplifiers
Y
m
-lawTP3064
Y
A-lawTP3067
Y
Designed for D3D4 and CCITT applications
Y
g
5V operation
Y
Low operating powertypically 70 mW
Y
Power-down standby modetypically 3 mW
Y
Automatic power-down
Y
TTL or CMOS compatible digital interfaces
Y
Maximizes line interface card circuit density
Block Diagram
TLH5070 – 1
FIGURE 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com