Electronic Components Datasheet Search
  English  ▼

X  

2W06G Datasheet(PDF) 3 Page - Formosa MS

Part # 2W06G
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2W06G Datasheet(HTML) 3 Page - Formosa MS

  2W06G Datasheet HTML 1Page - Formosa MS 2W06G Datasheet HTML 2Page - Formosa MS 2W06G Datasheet HTML 3Page - Formosa MS 2W06G Datasheet HTML 4Page - Formosa MS 2W06G Datasheet HTML 5Page - Formosa MS 2W06G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Rating and characteristic curves (2W005G THRU 2W10G)
Fig. 3 - Typical Instantaneour Forward
Characteristics (Per Leg)
Instantaneous Forward Voltage (Volts)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125 150
175
200
Ambient Temperature, T ( °C)
A
2.4
2.0
1.6
1.2
0.8
0.4
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Typical Reverse Characteristics
Per Leg
Reverse Voltage, V (Volts)
R
Fig. 5 - Typical Junction Capacitance
(Per Leg)
0
10
20
30
40
50
1
2
5
10
20
50
100
60
SINGLE SINE-WAVE
JEDEC METHOD
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
TJ=25
℃
TYPICAL
DISTRIBUTION
0.01
0.1
1.0
10
0
40
60
100
140
20
TJ=25
℃
TJ=100
℃
1.0
2.0
4.0
6.0
10
20
40
60
100
0.1
1.0
2.0
4.0
10
20
40
100
0.2
0.4
TJ 25
=℃,
f=1MHZ
Vsig=50m p-p
120
80
DS-242135
2009/08/10
2016/05/17
E
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com