Electronic Components Datasheet Search
  English  ▼

X  

TP3401 Datasheet(PDF) 11 Page - Texas Instruments

Part # TP3401
Description  DASL Digital Adapter for Subscriber Loops
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3401 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TP3401 Datasheet HTML 7Page - Texas Instruments TP3401 Datasheet HTML 8Page - Texas Instruments TP3401 Datasheet HTML 9Page - Texas Instruments TP3401 Datasheet HTML 10Page - Texas Instruments TP3401 Datasheet HTML 11Page - Texas Instruments TP3401 Datasheet HTML 12Page - Texas Instruments TP3401 Datasheet HTML 13Page - Texas Instruments TP3401 Datasheet HTML 14Page - Texas Instruments TP3401 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC to GND
7V
Voltage at Li Lo
VCCa1V to VSSb1V
Voltage at any Digital Input
VCCa1V to VSSb1V
Storage Temperature Range
b
65 Cto a150 C
Current at Lo
g
100 mA
Current at any Digital Output
g
50 mA
Lead Temperature (Soldering 10 sec)
300 C
ESD (Human Body Model)
2000V
Electrical Characteristics Unless otherwise noted limits printed in bold characters are guaranteed for VCC e
50V g5% and TA e 0 Cto a70 C by correlation with 100% electrical testing at VCC e 50V and TA e 25 C All other limits
are assured by correlation with other production tests andor product design and characterization Typical characteristics are
specified at VCC e 50V and TA e 25 C All digital signals are referenced to GND
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INTERFACES
VIL
Input Low Voltage
All Digital Inputs (not MCLK)
07
V
VIH
Input High Voltage
All Digital Inputs (not MCLK)
22
V
VOL
Output Low Voltage
IL e 1 mA
04
V
VOH
Output High Voltage
IL eb1 mA
24
V
IIM
Input Current at MBSFSc
GND k VIN k VCC
b
600
10
m
A
II
Input Current
Any Other Digital Input GND k VIN k VCC
b
10
10
m
A
IOZ
Output Current in
Br INT TSr CO
High Impedance
GND k VOUT k VCC
b
10
10
m
A
State (TRI-STATE )
LINE INTERFACES
RLi
Input Resistance
0V k Li k 50V
50
kX
CLLo
Load Capacitance
CLLo from Lo to GND
100
pF
RO
Output Resistance
Load e 60X in Series with 2 mFtoGND
30
X
at Lo
VDC
Mean dc Voltage
Load e 60X in Series with 2 mFtoGND
15
25
V
at Lo
POWER DISSIPATION
ICC0
Power Down Current
13
22
mA
ICC1
Power Up Current (Activated)
Load at Lo e 200X in Series with 2 mFto
18
mA
GND (in Master Mode)
TRANSMISSION PERFORMANCE
Transmit Pulse Amplitude at Lo
RL e 200X in Series with 2 mFtoGND
g
09
g
11
Vpk
Input Pulse Amplitude at Li
g
60
mVpk
Timing Recovery Jitter
BCLK at Slave Relative to MCLK at Master
100
ns pk-pk
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com