Electronic Components Datasheet Search
  English  ▼

X  

TP3403 Datasheet(PDF) 6 Page - Texas Instruments

Part # TP3403
Description  DASL Digital Adapter for Subscriber Loops
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3403 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TP3403 Datasheet HTML 2Page - Texas Instruments TP3403 Datasheet HTML 3Page - Texas Instruments TP3403 Datasheet HTML 4Page - Texas Instruments TP3403 Datasheet HTML 5Page - Texas Instruments TP3403 Datasheet HTML 6Page - Texas Instruments TP3403 Datasheet HTML 7Page - Texas Instruments TP3403 Datasheet HTML 8Page - Texas Instruments TP3403 Datasheet HTML 9Page - Texas Instruments TP3403 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TABLE II Control and Status Register Functions
Bit
State
Control Register Function
Status Register Function
C7
0
Master Mode
Read Back C7 from Control Register
1
Slave Mode
Read Back C7 from Control Register
C6
0
Deactivate and Power Down
Read Back C6 from Control Register
1
Power Up and Activate
Read Back C6 from Control Register
C5
0
Normal Through Connection
Read Back C5 from Control Register
1
Loopback to Digital Interface
Read Back C5 from Control Register
C4
0
Normal Through Connection
Read Back C4 from Control Register
1
Loopback B1aB2aD to Line (Note 1)
Read Back C4 from Control Register
C3
0
Normal Through Connection
Read Back C3 from Control Register
1
Loopback B1 Only to Line (Note 1)
Read Back C3 from Control Register
C2
0
Normal Through Connection
No Error
1
Loopback B2 Only to Line (Note 1)
Bipolar Violation Since Last READ (Note 2)
C1
0
DCLKDEN pin e 16 kHz Clock
Out-Of-Sync
1
DCLKDEN pin e D Channel Enable (Note 3)
Loop In-Sync and Activation Complete
C0
0
B1B2 Channels Direct
No Line Signal at Receiver Input
1
B1B2 Channels Exchanged
Line Signal Present at Receiver Input
Note 1
Receive data active
Note 2
After the device is in sync
Note 3
In Master mode only
Note 4
C7 is the first bit clocked in and out of the device
Timing Diagrams
TLH9264 – 6
FIGURE 6 B Channel Interface Timing Master Mode
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com