Electronic Components Datasheet Search
  English  ▼

X  

TP3465 Datasheet(PDF) 17 Page - Texas Instruments

Part # TP3465
Description  TP3465 MICROWIRE(TM) Interface Device (MID)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3465 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TP3465 Datasheet HTML 11Page - Texas Instruments TP3465 Datasheet HTML 12Page - Texas Instruments TP3465 Datasheet HTML 13Page - Texas Instruments TP3465 Datasheet HTML 14Page - Texas Instruments TP3465 Datasheet HTML 15Page - Texas Instruments TP3465 Datasheet HTML 16Page - Texas Instruments TP3465 Datasheet HTML 17Page - Texas Instruments TP3465 Datasheet HTML 18Page - Texas Instruments TP3465 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Control Interface Timing Relationships
Symbol
Parameter
Conditions
Min
Max
Units
tDWCSA
Delay Write Strobe to CS Asserted
Auto Mode
2
SK Cycle
tDCSSKA
Delay CS Active to first SK Edge
Auto Mode
05 SK
05 SK
ns
b
50 ns
tDSKCSA
Delay Last SK Edge to CS Inactive
Auto Mode
28
73
ns
CS Load e 10 pF SK Load e 50 pF
tDWCSS
Delay Write Strobe (CS Register)
Software
30
ns
to CS Asserted
tDCSN
Delay CS High to INT Low
50
ns
tDRDN
Delay RD Low to INT High
ST Register
80
ns
TLH10803 – 13
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com