Electronic Components Datasheet Search
  English  ▼

X  

DF1510S Datasheet(PDF) 2 Page - Formosa MS

Part # DF1510S
Description  SMD Bridge Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DF1510S Datasheet(HTML) 2 Page - Formosa MS

  DF1510S Datasheet HTML 1Page - Formosa MS DF1510S Datasheet HTML 2Page - Formosa MS DF1510S Datasheet HTML 3Page - Formosa MS DF1510S Datasheet HTML 4Page - Formosa MS DF1510S Datasheet HTML 5Page - Formosa MS DF1510S Datasheet HTML 6Page - Formosa MS DF1510S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.5A Miniature Glass Passivated
Single-Phase Surface Mount
Bridge Rectifiers-50-1000V
Features
Surge overload ratings to 50 amperes peak.
Surface mount type for automated replacement.
Ideal for printed board.
Low forward drop down voltage.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
• UL recognized file # E321971
Lead-free parts meet RoHS requirments.
• Suffix "-H" indicates Halogen free parts, ex. DF15005S-H.
•
•
•
•
•
•
•
Mechanical data
Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DFS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 0.34 gram
•
Package outline
Page 2
DF15005S
DF1501S
DF1502S
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage @IF=1.5A
V
F
(V)
*4
DF1504S
DF1506S
400
600
280
420
-55 to +150
DF1508S
DF1510S
800
1000
560
700
50
100
200
400
600
800
1000
1.10
Dimensions in inches and (millimeters)
DFS
.255(6.5)
.335(8.5)
.102(2.6)
.410(10.4)
.013(.33)
.060(1.5)
.205(5.2)
.346(8.8)
.047(1.2)
.245(6.2)
.307(7.8)
.089(2.2)
.360(9.4)
.003(.08)
.040(1.0)
.195(5.0)
.307(7.8)
.038(1.0)
+
~
~
Document ID
Issued Date
Revised Date
Revision
Page.
Formosa MS
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Bridge Rectifier
DF15005S THRU DF1510S
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Typical thermal resistance
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θJA
A
A
uA
OC/W
1.5
50
10
40
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
500
Typical Junction Capacitance
Per Element
C
J
pF
25
2
I t Rating for Fusing
2
I t
2
A s
10.4
Storage temperature
T
STG
OC
+175
-65
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Junction to ambient mounted on P.C.B
with 0.5*0.5"(13*13mm) copper pads.
Measured at 1.0MHz and applied reverse voltage
of 4.0V DC
t<8.3ms
DS-241104
2008/02/10
2013/06/10
D
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com