Electronic Components Datasheet Search
  English  ▼

X  

FMBT3906W Datasheet(PDF) 2 Page - Formosa MS

Part # FMBT3906W
Description  SMD PNP Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3906W Datasheet(HTML) 2 Page - Formosa MS

  FMBT3906W Datasheet HTML 1Page - Formosa MS FMBT3906W Datasheet HTML 2Page - Formosa MS FMBT3906W Datasheet HTML 3Page - Formosa MS FMBT3906W Datasheet HTML 4Page - Formosa MS FMBT3906W Datasheet HTML 5Page - Formosa MS FMBT3906W Datasheet HTML 6Page - Formosa MS FMBT3906W Datasheet HTML 7Page - Formosa MS FMBT3906W Datasheet HTML 8Page - Formosa MS FMBT3906W Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Package outline
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
200mA Silicon PNP Epitaxial Planar
Transistor
Features
collector-emitterbreakdien voltage.
(BV
= -40V@I =-1.0mA)
CEO
C
Small load switch transistor with high gain and low
stauration voltage, is designed for general purpose
amflifier and switching applications at collector current.
Capable of 150mW power dissipation.
Lead-free parts for green partner, exceeds environmental
standards of MIL-STD-19500 /228
Suffix "-H" dinicates Halogen-free part, ex.FMBT3906W.
• High
•
•
•
•
Formosa MS
FMBT3906W
Mechanical data
Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SOT-323
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Mounting Position : Any
• Weight : Approximated 0.006 gram
•
Document ID
Issued Date
Revised Date
Revision
Page.
Dimensions in inches and (millimeters)
0.032 (0.80)
0.040 (1.00)
0.054 (1.35)
0.046 (1.15)
SOT-323
(A)
(B)
0.096 (2.40)
0.080 (2.00)
(C)
0.021 (0.53)
0.017 (0.42)
PARAMETER
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current
Total device dissipation
Storage temperature range
Operating junction temperature range
CONDITIONS
Symbol
V
CBO
V
CEO
V
EBO
I
C
P
D
T
J
T
STG
MIN.
-55
-55
TYP.
MAX.
-40
-40
-5.0
-200
+150
+150
UNIT
V
V
V
mA
oC
o
Maximum ratings (AT T =25 C unless otherwise noted)
A
150
O
T = 25 C
A
Junction to ambient
R
θJA
833
OC/W
Thermal resistance
mW
DS-231132
2009/08/10
2010/03/10
B
10
SMD PNP Transistor
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com