Electronic Components Datasheet Search
  English  ▼

X  

FMBTA55 Datasheet(PDF) 9 Page - Formosa MS

Part # FMBTA55
Description  Driver Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBTA55 Datasheet(HTML) 9 Page - Formosa MS

  FMBTA55 Datasheet HTML 1Page - Formosa MS FMBTA55 Datasheet HTML 2Page - Formosa MS FMBTA55 Datasheet HTML 3Page - Formosa MS FMBTA55 Datasheet HTML 4Page - Formosa MS FMBTA55 Datasheet HTML 5Page - Formosa MS FMBTA55 Datasheet HTML 6Page - Formosa MS FMBTA55 Datasheet HTML 7Page - Formosa MS FMBTA55 Datasheet HTML 8Page - Formosa MS FMBTA55 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Page 9
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
FMBTA55 / FMBTA56
Driver Transistor
DS-231164
2010/11/05
2011/07/21
B
9
High reliability test capabilities
1.
2.
3.
4.
5.
6.
7.
8.
Steady State Operating Life
High Temperature Reverse Bias
Temperature Cycle
Autoclave
High Temperature Storage Life
Solderability
High Temperature High Humidity Reverse
Bias
Resistance to Soldering Heat
TA=25°C P =225mW Test Duration:1000hrs
D
Tj= 150℃, V = 80% related volage,
1000hrs
CE
-55℃(15min) to 150℃(15min)Air to Air Transition Time<20sec Test Cycles:1000cycle
P= 2atm Ta= 121℃ RH= 100% Test Duration: 96hrs
Ta= 150℃ Test Duration: 1000hrs
245℃,Test Duration: 5sec
Ta= 85℃, 85% RH, V = 80% related volage, Test Duration: 1000hrs
CE
260℃
,Test Duration:10sec
Test Duration:
Item Test
Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com