Electronic Components Datasheet Search
  English  ▼

X  

FMBTA56 Datasheet(PDF) 4 Page - Formosa MS

Part # FMBTA56
Description  Driver Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBTA56 Datasheet(HTML) 4 Page - Formosa MS

  FMBTA56 Datasheet HTML 1Page - Formosa MS FMBTA56 Datasheet HTML 2Page - Formosa MS FMBTA56 Datasheet HTML 3Page - Formosa MS FMBTA56 Datasheet HTML 4Page - Formosa MS FMBTA56 Datasheet HTML 5Page - Formosa MS FMBTA56 Datasheet HTML 6Page - Formosa MS FMBTA56 Datasheet HTML 7Page - Formosa MS FMBTA56 Datasheet HTML 8Page - Formosa MS FMBTA56 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FIG.3 Capacitance
FIG.4 Switching Time
FIG.5 DC Current Gain
Document ID
Issued Date
Revised Date
Revision
Page.
Rating and characteristic curves (
)
FMBTA55/FMBTA56
TURN-ON TIME
TURN-OFF TIME
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities
FIG.1 Switching Time Test Circuits
FIG.2 Current-Gain Bandwidth Product
=-40V
DS-231164
2010/11/05
2011/07/21
B
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com