Electronic Components Datasheet Search
  English  ▼

X  

FMS2301A Datasheet(PDF) 1 Page - Formosa MS

Part # FMS2301A
Description  P-Channel SMD MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMS2301A Datasheet(HTML) 1 Page - Formosa MS

  FMS2301A Datasheet HTML 1Page - Formosa MS FMS2301A Datasheet HTML 2Page - Formosa MS FMS2301A Datasheet HTML 3Page - Formosa MS FMS2301A Datasheet HTML 4Page - Formosa MS FMS2301A Datasheet HTML 5Page - Formosa MS FMS2301A Datasheet HTML 6Page - Formosa MS FMS2301A Datasheet HTML 7Page - Formosa MS FMS2301A Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1
Formosa MS
1
2
2
2
2
3
4~ 5
6
6
6
7
8
8
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
Electrical characteristics...................................................................
Mechanical data...............................................................................
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FMS2301A
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231172
2011/03/10
2015/06/26
C
8
P-Channel SMD MOSFET


Similar Part No. - FMS2301A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMS2301 FORMOSA-FMS2301 Datasheet
563Kb / 8P
20V P-Channel Enhancement Mode MOSFET
More results

Similar Description - FMS2301A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com