Electronic Components Datasheet Search
  English  ▼

X  

LMH6503MA Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6503MA
Description  Wideband, Low Power, Linear Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6503MA Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMH6503MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6503MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6503MA Datasheet HTML 14Page - National Semiconductor (TI) LMH6503MA Datasheet HTML 15Page - National Semiconductor (TI) LMH6503MA Datasheet HTML 16Page - National Semiconductor (TI) LMH6503MA Datasheet HTML 17Page - National Semiconductor (TI) LMH6503MA Datasheet HTML 18Page - National Semiconductor (TI) LMH6503MA Datasheet HTML 19Page - National Semiconductor (TI) LMH6503MA Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Information (Continued)
OPERATING AT LOWER SUPPLY VOLTAGES
The LMH6503 is rated for operation down to 5V supplies (V
+
-V
−). There are some specifications shown for operation at
±2.5V within the data sheet (i.e. Frequency Response,
CMRR, PSRR, Gain vs. V
G, etc.). Compared to ±5V opera-
tion, at lower supplies:
a) V
G range constricts. Referring to Figure 9, note that
V
G_MAX (VG voltage required to get maximum gain) is
0.5V (V
S = ±2.5V) compared to 1.0V for VS = ±5V. At the
same time, gain cut-off (V
G_MIN) would shift to −0.5V from
- 1V with V
S = ±5V.
Table 1 shows the approximate expressions for various
V
G voltages as a function of V
-:
Table 1: V
G Definition Based on V
−
V
G
Definition
Expression (V)
V
G_MIN
Gain Cut-off
0.2 x V
−
V
G_MID
A
VMAX/2
0
V
G_MAX
A
VMAX
−0.2 x V
−
b) V
G_LIMIT (maximum permissible voltage on VG)isre-
duced. This is due to limitations within the device arising
from transistor headroom. Beyond this limit, device per-
formance will be affected (non-destructive). Referring to
Figure 9, note that with V
+ = 2.5V, and V− = −4V, V
G_LIMIT
is approaching V
G_MAX and already "Max gain" is re-
duced by 1dB. This means that operating under these
conditions has reduced the maximum permissible voltage
on V
G to a level below what is needed to get Max gain. If
supply voltages are asymmetrical, reference Figure 9 and
Figure 10 plots to make sure the region of operation is not
overly restricted by the "pinching" of V
G_LIMIT, and VG-
_MAX
curves.
c) "Max_gain" reduces. There is an intrinsic reduction in
max gain when the total supply voltage is reduced (see
Typical Performance Characteristics plots for Gain vs. V
G
(V
S
= ±2.5V). In addition, there is the more drastic
mechanism described in "b" above and shown in Figure
9.
Similar plots for V
+ = 5V operation are shown in Figure 10 for
comparison and reference.
20073936
FIGURE 8. Transformer Coupled Single Supply VGA
20073926
FIGURE 9. V
G_MAX,VG_LIMIT, & Max-gain vs. V
-
(V
+ = 2.5V)
20073925
FIGURE 10. V
G_MAX,VG_LIMIT, & Max-gain vs. V
-
(V
+ = 5V)
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com