Electronic Components Datasheet Search
  English  ▼

X  

LM5104SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5104SD
Description  High Voltage Half-Bridge Gate Driver with Adaptive Delay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5104SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5104SD Datasheet HTML 1Page - National Semiconductor (TI) LM5104SD Datasheet HTML 2Page - National Semiconductor (TI) LM5104SD Datasheet HTML 3Page - National Semiconductor (TI) LM5104SD Datasheet HTML 4Page - National Semiconductor (TI) LM5104SD Datasheet HTML 5Page - National Semiconductor (TI) LM5104SD Datasheet HTML 6Page - National Semiconductor (TI) LM5104SD Datasheet HTML 7Page - National Semiconductor (TI) LM5104SD Datasheet HTML 8Page - National Semiconductor (TI) LM5104SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DD to VSS
–0.3V to +18V
V
HB to VHS
–0.3V to +18V
IN to V
SS
–0.3V to V
DD + 0.3V
LO Output
–0.3V to V
DD + 0.3V
HO Output
V
HS – 0.3V to VHB + 0.3V
V
HS to VSS
−1V to +100V
V
HB to VSS
118V
RT to V
SS
–0.3V to 5V
Junction Temperature
+150˚C
Storage Temperature Range
–55˚C to +150˚C
ESD Rating HBM
(Note 2)
2kV
Recommended Operating
Conditions
V
DD
+9V to +14V
HS
–1V to 100V
HB
V
HS +8VtoVHS + 14V
HS Slew Rate
<50V/ns
Junction Temperature
–40˚C to +125˚C
Electrical Characteristics Specifications in standard typeface are for T
J = +25˚C, and those in boldface
type apply over the full operating junction temperature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS =
0V, RT = 100k
Ω. No Load on LO or HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SUPPLY CURRENTS
I
DD
V
DD Quiescent Current
LI = HI = 0V
0.4
0.6
mA
I
DDO
V
DD Operating Current
f = 500 kHz
1.9
3
mA
I
HB
Total HB Quiescent Current
LI = HI = 0V
0.06
0.2
mA
I
HBO
Total HB Operating Current
f = 500 kHz
1.3
3
mA
I
HBS
HB to V
SS Current, Quiescent
V
HS =VHB = 100V
0.05
10
µA
I
HBSO
HB to V
SS Current, Operating
f = 500 kHz
0.08
mA
INPUT PINS
V
IL
Low Level Input Voltage Threshold
0.8
1.8
V
V
IH
High Level Input Voltage Threshold
1.8
2.2
V
R
I
Input Pulldown Resistance
100
200
500
k
Ω
TIME DELAY CONTROLS
V
RT
Nominal Voltage at RT
2.7
3
3.3
V
I
RT
RT Pin Current Limit
RT = 0V
0.75
1.5
2.25
mA
T
D1
Delay Timer, RT = 10 k
Ω
58
90
130
ns
T
D2
Delay Timer, RT = 100 k
Ω
140
200
270
ns
UNDER VOLTAGE PROTECTION
V
DDR
V
DD Rising Threshold
6.0
6.9
7.4
V
V
DDH
V
DD Threshold Hysteresis
0.5
V
V
HBR
HB Rising Threshold
5.7
6.6
7.1
V
V
HBH
HB Threshold Hysteresis
0.4
V
BOOT STRAP DIODE
V
DL
Low-Current Forward Voltage
I
VDD-HB = 100 µA
0.60
0.9
V
V
DH
High-Current Forward Voltage
I
VDD-HB = 100 mA
0.85
1.1
V
R
D
Dynamic Resistance
I
VDD-HB = 100 mA
0.8
1.5
Ω
LO GATE DRIVER
V
OLL
Low-Level Output Voltage
I
LO = 100 mA
0.25
0.4
V
V
OHL
High-Level Output Voltage
I
LO = –100 mA
V
OHL =VDD –VLO
0.35
0.55
V
I
OHL
Peak Pullup Current
V
LO = 0V
1.6
A
I
OLL
Peak Pulldown Current
V
LO = 12V
1.8
A
HO GATE DRIVER
V
OLH
Low-Level Output Voltage
I
HO = 100 mA
0.25
0.4
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com