Electronic Components Datasheet Search
  English  ▼

X  

LMS5258 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS5258
Description  150mA, Cap, Low Dropout Voltage Regulator with Power Good
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS5258 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS5258 Datasheet HTML 1Page - National Semiconductor (TI) LMS5258 Datasheet HTML 2Page - National Semiconductor (TI) LMS5258 Datasheet HTML 3Page - National Semiconductor (TI) LMS5258 Datasheet HTML 4Page - National Semiconductor (TI) LMS5258 Datasheet HTML 5Page - National Semiconductor (TI) LMS5258 Datasheet HTML 6Page - National Semiconductor (TI) LMS5258 Datasheet HTML 7Page - National Semiconductor (TI) LMS5258 Datasheet HTML 8Page - National Semiconductor (TI) LMS5258 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LMS5258
150mA, µCap, Low Dropout Voltage Regulator with
Power Good
General Description
The LMS5258 is a µCap, precise CMOS voltage regulator
with power good output.
It provides up to 150mA and consumes a typical of 10nA in
shutdown mode. The LMS5258 output stage is designed
with a push pull output for faster transient response.
The LMS5258 is optimized to work with low value, low cost
ceramic capacitors. The output typically require only 1µF of
output capacitance for stability. The enable pin can be tied to
V
IN for easy device layout.
The LMS5258 is designed for portable, battery powered
equipment applications with small space requirements.
The LMS5258 is available in a 5-pin SOT-23 package. Per-
formance is specified for the −40˚C to +125˚C temperature
range and is available in a fixed 1.2V. For other output
voltage options, please contact National Semiconductor.
Features
n
Power good indicator
n
Stability with low ESR capacitors
n
Low ground current: 120µA
n
150mA output current
n
"Zero" shutdown mode current
n
Fast transient response
n
Auto Discharge
n
Thermal shutdown
n
Current limiting
n
TTL-Logic-controlled enable input
n
Pin-to-pin replacement for Mic™ 5258
Applications
n
Processor power-up sequencing
n
Laptop, notebook and palm top computer
n
PCMCIA V
CC and VPP regulation switching
Typical Application
20042419
Pin Description
Pin Number
Pin Name
Pin Function
1V
IN
Input Voltage
2
GND
Ground
3
EN
Enable Input Logic,
Logic High = Enabled
Logic Low = Shutdown
(Do not leave open)
4
PG
Power Good Output
5V
OUT
Output Voltage
February 2003
© 2003 National Semiconductor Corporation
DS200424
www.national.com


Similar Part No. - LMS5258

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-2.8 NSC-LMS5213IM7-2.8 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-3.0 NSC-LMS5213IM7-3.0 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-3.3 NSC-LMS5213IM7-3.3 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7X-2.8 NSC-LMS5213IM7X-2.8 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
More results

Similar Description - LMS5258

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
150mA Low Dropout Voltage Regulator
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
National Semiconductor ...
LP8358 NSC-LP8358 Datasheet
508Kb / 10P
150mA, UCap, Low Dropout Voltage Regulator with Power Good
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com