Electronic Components Datasheet Search
  English  ▼

X  

DS8830N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8830N
Description  Dual Differential Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8830N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8830N Datasheet HTML 1Page - National Semiconductor (TI) DS8830N Datasheet HTML 2Page - National Semiconductor (TI) DS8830N Datasheet HTML 3Page - National Semiconductor (TI) DS8830N Datasheet HTML 4Page - National Semiconductor (TI) DS8830N Datasheet HTML 5Page - National Semiconductor (TI) DS8830N Datasheet HTML 6Page - National Semiconductor (TI) DS8830N Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC
7.0V
Input Voltage
5.5V
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 4 sec.)
260˚C
Output Short Circuit Duration (125˚C)
1 second
Maximum Power Dissipation (Note 1)
at 25˚C
Cavity Package
1308 mW
Molded Package
1207 mW
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
DS8730
4.5
5.5
V
DS8830
4.75
5.25
V
Temperature (T
A)
DS7830
−55
+125
˚C
DS8830
0
+70
˚C
Note 1: Derate cavity package 8.7 mW/˚C above 25˚C; derate molded pack-
age 9.7 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Logical “1” Input Voltage
2.0
V
V
IL
Logical “0” Input Voltage
0.8
V
V
OH
Logical “1” Output Voltage
V
IN = 0.8V
I
OUT = −0.8 mA
2.4
V
I
OUT = 40 mA
1.8
3.3
V
V
OL
Logical “0” Output Voltage
V
IN = 2.0V
I
OUT = 32 mA
0.2
0.4
V
I
OUT = 40 mA
0.22
0.5
V
I
IH
Logical “1” Input Current
V
IN = 2.4V
120
µA
V
IN = 5.5V
2
mA
I
IL
Logical “0” Input Current
V
IN = 0.4V
−4.8
mA
I
SC
Output Short Circuit Current
V
CC = 5.0V, TA = 125˚C, (Note 5)
−40
−100
−120
mA
I
CC
Supply Current
V
IN = 5.0V, (Each Driver)
11
18
mA
V
I
Input Clamp
V
CC = Min, IIN = − 12 mA
−1.0
−1.5
V
Switching Characteristics
T
A = 25˚C, VCC = 5V, unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
pd1
Propagation Delay AND Gate
R
L= 400Ω,CL = 15 pF
8
12
ns
t
pd0
(
Figure 1 )11
18
ns
t
pd1
Propagation Delay NAND Gate
R
L= 400Ω,CL = 15 pF
8
12
ns
t
pd0
(
Figure 1 )5
8
ns
t
1
Differential Delay
Load, 100
Ω and 5000 pF,
12
16
ns
(
Figure 2 )
t
2
Differential Delay
Load, 100
Ω and 5000 pF,
12
16
ns
(
Figure 2 )
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the −55˚C to +125˚C temperature range for the DS7830 and across the 0˚C to +70˚C range for the
DS8830. Typical values for TA = 25˚C and VCC = 5.0V.
Note 4: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 5: Only one output at a time should be shorted.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com