Electronic Components Datasheet Search
  English  ▼

X  

LM339PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM339PW
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339PW Datasheet(HTML) 3 Page - Texas Instruments

  LM339PW Datasheet HTML 1Page - Texas Instruments LM339PW Datasheet HTML 2Page - Texas Instruments LM339PW Datasheet HTML 3Page - Texas Instruments LM339PW Datasheet HTML 4Page - Texas Instruments LM339PW Datasheet HTML 5Page - Texas Instruments LM339PW Datasheet HTML 6Page - Texas Instruments LM339PW Datasheet HTML 7Page - Texas Instruments LM339PW Datasheet HTML 8Page - Texas Instruments LM339PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM139, LM139A, LM239, LM239A,
LM339, LM339A, LM2901, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006L − OCTOBER 1979 − REVISED JUNE 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
MAX VCC
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
CFP (W)
Tube of 25
LM139W
LM139W
CDIP (J)
Tube of 25
LM139J
LM139J
5 mV
30 V
LCCC (FK)
Tube of 55
LM139FK
LM139FK
5 mV
30 V
SOIC (D)
Tube of 50
LM139D
LM139D
−55
°C to 125°C
SOIC (D)
Reel of 2500
LM139DR
LM139D
−55
°C to 125°C
CFP (W)
Tube of 25
LM139AW
LM139AW
CDIP (J)
Tube of 25
LM139AJ
LM139AJ
2 mV
30 V
LCCC (FK)
Tube of 55
LM139AFK
LM139AFK
2 mV
30 V
SOIC (D)
Tube of 50
LM139AD
LM139AD
SOIC (D)
Reel of 2500
LM139ADR
LM139AD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
symbol (each comparator)
OUT
IN−
IN+
schematic (each comparator)
80-
µA
Current
Regulator
80
µA
GND
OUT
VCC
10
µA
60
µA
10
µA
IN+
IN−
All current values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com