Electronic Components Datasheet Search
  English  ▼

X  

MBI5016CF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MBI5016CF
Description  16-bit Constant Current LED Sink Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5016CF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MBI5016CF Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MBI5016
16-bit Constant Current LED Sink Driver
May 2003, V1.6
- 3 -
Timing Diagram
CLK
SDI
/LE
/OE
OUT0
OUT1
OUT2
OUT15
SDO
5V
5V
5V
0V
0V
0V
Off
Off
Off
Off
0V
0V
5V
5V
On
On
On
On
Truth Table
CLK
/LE
/OE
SDI
OUT0…OUT7…OUT15
SDO
UP
H
L
Dn
Dn
Dn-7
Dn-15
Dn-15
UP
L
L
Dn+1
No Change
Dn-14
UP
H
L
Dn+2
Dn+2
Dn-5
Dn-13
Dn-13
DOWN
X
L
Dn+3
Dn+2
Dn-5
Dn-13
Dn-13
DOWN
X
H
Dn+3
Off
Dn-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com