Electronic Components Datasheet Search
  English  ▼

X  

HC368 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC368
Description  HEX INVERTING BUFFERS AND LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HC368 Datasheet(HTML) 1 Page - Texas Instruments

  HC368 Datasheet HTML 1Page - Texas Instruments HC368 Datasheet HTML 2Page - Texas Instruments HC368 Datasheet HTML 3Page - Texas Instruments HC368 Datasheet HTML 4Page - Texas Instruments HC368 Datasheet HTML 5Page - Texas Instruments HC368 Datasheet HTML 6Page - Texas Instruments HC368 Datasheet HTML 7Page - Texas Instruments HC368 Datasheet HTML 8Page - Texas Instruments HC368 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54HC368, SN74HC368
HEX INVERTING BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS310D − JANUARY 1996 −REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current 3-State Outputs Drive Bus
Lines, Buffer Memory Address Registers,
or Drive Up To 15 LSTTL Loads
D Inverting Outputs
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 10 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
These hex inverting buffers and line drivers are
designed
specifically
to
improve
both
the
performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented
receivers and transmitters. The ’HC368 devices
are
organized
as
dual
4-line
and
2-line
buffers/drivers
with
active-low
output-enable
(1OE and 2OE) inputs. When OE is low, the
device passes inverted data from the A inputs to
the Y outputs. When OE is high, the outputs are
in the high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC368N
SN74HC368N
Tube of 40
SN74HC368D
SOIC − D
Reel of 2500
SN74HC368DR
HC368
SOIC − D
Reel of 250
SN74HC368DT
HC368
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC368NSR
HC368
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC368DBR
HC368
Tube of 90
SN74HC368PW
TSSOP − PW
Reel of 2000
SN74HC368PWR
HC368
TSSOP − PW
Reel of 250
SN74HC368PWT
HC368
CDIP − J
Tube of 25
SNJ54HC368J
SNJ54HC368J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC368W
SNJ54HC368W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC368FK
SNJ54HC368FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2A2
2Y2
NC
2A1
2Y1
1Y1
1A2
NC
1Y2
1A3
SN54HC368 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
1A1
1Y1
1A2
1Y2
1A3
1Y3
GND
VCC
2OE
2A2
2Y2
2A1
2Y1
1A4
1Y4
SN54HC368 ...J OR W PACKAGE
SN74HC368 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - HC368

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC361 ALTERA-HC361 Datasheet
582Kb / 26P
HardCopy III Device
HC362 ALTERA-HC362 Datasheet
582Kb / 26P
HardCopy III Device
logo
System Logic Semiconduc...
HC365 SLS-HC365 Datasheet
46Kb / 5P
Hex 3-State Noninverting Buffer with Common Enables
logo
Texas Instruments
HC367 TI1-HC367 Datasheet
806Kb / 18P
HEX BUFFERS AND LINE DRIVERS
More results

Similar Description - HC368

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4009C NSC-CD4009C Datasheet
112Kb / 4P
Hex Buffers (Inverting)
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B Datasheet
19Kb / 1P
HEX inverting buffers
January 1995
logo
Texas Instruments
SN54HC368 TI-SN54HC368_08 Datasheet
748Kb / 18P
HEX INVERTING BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF4049B NXP-HEF4049B Datasheet
73Kb / 11P
Hex inverting buffers
Rev. 05-11 November 2008
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
Hex inverting buffers
Rev. 9-18 November 2011
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
Hex inverting buffers
Rev. 9-18 November 2011
logo
Texas Instruments
SN54ALS1005 TI1-SN54ALS1005_14 Datasheet
756Kb / 14P
HEX INVERTING BUFFERS
SN54HC367 TI1-SN54HC367_15 Datasheet
806Kb / 18P
HEX BUFFERS AND LINE DRIVERS
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
Hex inverting buffers
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
Hex inverting buffers
Rev. 11 - 23 June 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com