Electronic Components Datasheet Search
  English  ▼

X  

74AS174 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74AS174
Description  HEX/QUADRUPLE D-TYPE FLIP-FLOPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AS174 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74AS174 Datasheet HTML 2Page - Texas Instruments 74AS174 Datasheet HTML 3Page - Texas Instruments 74AS174 Datasheet HTML 4Page - Texas Instruments 74AS174 Datasheet HTML 5Page - Texas Instruments 74AS174 Datasheet HTML 6Page - Texas Instruments 74AS174 Datasheet HTML 7Page - Texas Instruments 74AS174 Datasheet HTML 8Page - Texas Instruments 74AS174 Datasheet HTML 9Page - Texas Instruments 74AS174 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN54ALS174, SN54ALS175, SN54AS174, SN54AS175B
SN74ALS174, SN74ALS175, SN74AS174, SN74AS175B
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SDAS207E - APRIL 1982 - REVISED MAY 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
SN54AS174
SN54AS175B
SN74AS174
SN74AS175B
UNIT
MIN
MAX
MIN
MAX
fclock*
Clock frequency
100
100
MHz
CLR low
5.5
5
t *
Pulse duration
CLK high
4
4
ns
tw*
Pulse duration
CLK low
’AS174
6
6
ns
CLK low
’AS175B
5
5
↑
Data
’AS174
4
4
tsu*
Setup time before CLK
↑
Data
’AS175B
3
3
ns
CLR inactive
6
6
th*
Hold time, data after CLK
↑
1
1
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS174
SN74AS174
MIN
MAX
MIN
MAX
fmax*
100
100
MHz
tPHL
CLR
Any Q
5
15
5
14
ns
tPLH
CLK
Any Q
3.5
9.5
3.5
8
ns
tPHL
CLK
Any Q
4.5
11.5
4.5
10
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS175B
SN74AS175B
MIN
MAX
MIN
MAX
fmax*
100
100
MHz
tPLH
CLR
AQ
Q
4
10
4
9
ns
tPHL
CLR
Any Q or Q
4.5
15
4.5
13
ns
tPLH
CLK
AnyQorQ
3
8.5
3
7.5
ns
tPHL
CLK
Any Q or Q
3
11
3
10
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com