Electronic Components Datasheet Search
  English  ▼

X  

74AS175B Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AS175B
Description  HEX/QUADRUPLE D-TYPE FLIP-FLOPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AS175B Datasheet(HTML) 1 Page - Texas Instruments

  74AS175B Datasheet HTML 1Page - Texas Instruments 74AS175B Datasheet HTML 2Page - Texas Instruments 74AS175B Datasheet HTML 3Page - Texas Instruments 74AS175B Datasheet HTML 4Page - Texas Instruments 74AS175B Datasheet HTML 5Page - Texas Instruments 74AS175B Datasheet HTML 6Page - Texas Instruments 74AS175B Datasheet HTML 7Page - Texas Instruments 74AS175B Datasheet HTML 8Page - Texas Instruments 74AS175B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54ALS174, SN54ALS175, SN54AS174, SN54AS175B
SN74ALS174, SN74ALS175, SN74AS174, SN74AS175B
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SDAS207E - APRIL 1982 - REVISED MAY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D ’ALS174 and ’AS174 Contain Six Flip-Flops
With Single-Rail Outputs
D ’ALS175 and ’AS175B Contain Four
Flip-Flops With Double-Rail Outputs
D Buffered Clock and Direct-Clear Inputs
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
D Fully Buffered Outputs for Maximum
Isolation From External Disturbances
(’AS Only)
SN54ALS175 ...J OR W PACKAGE
SN54AS175B ...J PACKAGE
SN74ALS175, SN74AS175B . . . D, N, OR NS PACKAGE
(TOP VIEW)
SN54ALS174 ...J OR W PACKAGE
SN54AS174 ...J PACKAGE
SN74ALS174, SN74AS174 ...D , N, OR NS PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6D
5D
NC
5Q
4D
1D
2D
NC
2Q
3D
SN54ALS174, SN54AS174 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1D
2D
2Q
3D
3Q
GND
VCC
6Q
6D
5D
5Q
4D
4Q
CLK
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4Q
4D
NC
3D
3Q
1Q
1D
NC
2D
2Q
SN54ALS175 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1Q
1D
2D
2Q
2Q
GND
VCC
4Q
4Q
4D
3D
3Q
3Q
CLK
description
These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic. All have a
direct-clear (CLR) input. The ’ALS175 and ’AS175B feature complementary outputs from each flip-flop.
Information at the data (D) inputs meeting the setup-time requirements is transferred to the outputs on the
positive-going edge of the clock pulse. Clock triggering occurs at a particular voltage level and is not directly
related to the transition time of the positive-going pulse. When the clock (CLK) input is at either the high or low
level, the D-input signal has no effect at the output.
These circuits are fully compatible for use with most TTL circuits.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - 74AS175B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AS175B TI-74AS175B Datasheet
598Kb / 21P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - 74AS175B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54174 TI-SN54174 Datasheet
352Kb / 10P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54ALS174 TI-SN54ALS174 Datasheet
527Kb / 17P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54S174 TI-SN54S174 Datasheet
318Kb / 7P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54ALS174 TI-SN54ALS174_07 Datasheet
598Kb / 21P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74S174 TI-SN74S174_07 Datasheet
403Kb / 13P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74LS174 RENESAS-HD74LS174 Datasheet
112Kb / 9P
Hex / Quadruple D-type Flip-Flops (with clear)
logo
Texas Instruments
SN74S175J TI-SN74S175J Datasheet
668Kb / 14P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54174 TI1-SN54174_16 Datasheet
698Kb / 14P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com