Electronic Components Datasheet Search
  English  ▼

X  

MIC4682BM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4682BM
Description  PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682BM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4682BM Datasheet HTML 1Page - Micrel Semiconductor MIC4682BM Datasheet HTML 2Page - Micrel Semiconductor MIC4682BM Datasheet HTML 3Page - Micrel Semiconductor MIC4682BM Datasheet HTML 4Page - Micrel Semiconductor MIC4682BM Datasheet HTML 5Page - Micrel Semiconductor MIC4682BM Datasheet HTML 6Page - Micrel Semiconductor MIC4682BM Datasheet HTML 7Page - Micrel Semiconductor MIC4682BM Datasheet HTML 8Page - Micrel Semiconductor MIC4682BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
October 2003
5
M0334-102203
MIC4682
Micrel
Typical Characteristics
T
A = 25°C unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
0
0.4
0.8
1.2
1.6
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
V
OUT = 5V
V
IN = 7.5V
V
IN = 12V
V
IN = 24V
V
IN = 30V
0
10
20
30
40
50
60
70
80
0
0.4
0.8
1.2
1.6
2
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
V
OUT = 3.3V
V
IN = 5.8V
V
IN = 12V
V
IN = 24V
V
IN = 30V
0
10
20
30
40
50
60
70
80
0
0.4
0.8
1.2
1.6
2
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
V
OUT = 2.5V
V
IN = 5V
V
IN = 6V
V
IN = 12V
V
IN = 30V
1
2
3
4
5
6
0
0.4
0.8
1.2
1.6
2
CURRENT LIMIT (A)
Output Voltage
vs. Current Limit
V
IN = 12V
R
ISET = 16.2k
Load =
Continuous
L = 68
µH
R3 = 10M
T
A = –40°C
T
A = 25°C
T
A = 60°C
1
2
3
4
5
6
0
0.4
0.8
1.2
1.6
2
CURRENT LIMIT (A)
Output Voltage
vs. Current Limit
V
IN = 24V
R
ISET = 16.2k
Load =
Continuous
L = 68
µH
R3 = 10M
T
A = –40°C
T
A = 25°C
T
A = 60°C
1
2
3
4
5
6
0
0.4
0.8
1.2
1.6
2
CURRENT LIMIT (A)
Output Voltage
vs. Current Limit
V
IN = 30V
R
ISET = 16.2k
Load =
Continuous
L = 68
µH
R3 = 10M
T
A = –40°C
T
A = 25°C
T
A = 60°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
10 15 20 25 30 35 40 45 50
R
ISET
(k
Ω)
Current Limit
vs. R
ISET
at T
J
= –40
°C
V
IN = 4V
V
IN = 5V
V
IN = 12V
V
IN = 24V
V
IN = 30V
V
IN = 34V
L = 68
µH
R3 = 10M
V
OUT = 1.0V (Pulsed Load)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
10 15 20 25 30 35 40 45 50
R
ISET
(k
Ω)
Current Limit
vs. R
ISET
at T
J
= 25
°C
V
IN = 4V
V
IN = 5V
V
IN = 12V
V
IN = 24V
V
IN = 30V
V
IN = 34V
L = 68
µH
R3 = 10M
V
OUT = 1.0V (Pulsed Load)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
10 15 20 25 30 35 40 45 50
R
ISET
(k
Ω)
Current Limit
vs. R
ISET
at T
J
= 85
°C
V
IN = 4V
V
IN = 5V
V
IN = 12V
V
IN = 24V
V
IN = 30V
V
IN = 34V
L = 68
µH
R3 = 10M
V
OUT = 1.0V (Pulsed Load)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
10 15 20 25 30 35 40 45 50
R
ISET
(k
Ω)
Current Limit
vs. R
ISET
at T
J
= 125
°C
V
IN = 4V
V
IN = 5V
V
IN = 12V
L = 68
µH
R3 = 10M
V
OUT = 1.0V (Pulsed Load)
V
IN = 24V
V
IN = 30V
V
IN = 34V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
4
8
12
16
20
24
28
32
INPUT VOLTAGE (V)
Short Circuit Current Limit
vs. Input Voltage at T
J
= 25
°C
L = 68
µH
R3 = 10M
V
OUT~0V (Pulsed Load)
R
ISET=20k
R
ISET=25k
R
ISET=30k
R
ISET=40k
R
ISET=50k
R
ISET=10k
R
ISET=15.8k
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
4
7 10 13 16 19 22 25 28 31 34
INPUT VOLTAGE (V)
Short Circuit Current Limit
vs. Input Voltage at T
J
= –40
°C
R
ISET=20k
L = 68
µH
R3 = 10M
V
OUT~0V (Pulsed Load)
R
ISET=30k
R
ISET=40k
R
ISET=50k
R
ISET=10k
R
ISET=15.8k
R
ISET=25k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com