Electronic Components Datasheet Search
  English  ▼

X  

FGP10B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FGP10B
Description  GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FGP10B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FGP10B Datasheet HTML 1Page - SUNMATE electronic Co., LTD FGP10B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 100 -200V
GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
FGP10B - FGP10D
FGP10D
FGP10C
FGP10B
CURRENT: 1.0 A
Features
Low forward
Low reverse current
High reliability
High surge current capability
High current capability
voltage drop
Super fast recovery time
Maximum Recurrent Peak Reverse Voltage
VRRM
100
150
200
Volts
Maximum RMS Voltage
VRMS
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
100
150
200
Volts
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
Peak Forward Surge Current,
8.3ms Single half sine wave superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 1.0 A.
VF
Volts
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Amps.
Amp.
IR
IFSM
IF(AV)
1.0
30
µA
5.0
0.95
1 of 2
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
!
!
!
!
!
!
Case: DO-41Molded Plastic
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
Marking: Type Number
Mechanical Data
!
Characteristic
Symbol
Unit
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41
www.sunmate.tw


Similar Part No. - FGP10B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP10B VISHAY-FGP10B Datasheet
77Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP10B VISHAY-FGP10B Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP10B VISHAY-FGP10B Datasheet
72Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
12-Dec-13
FGP10B VISHAY-FGP10B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP10B VISHAY-FGP10B_V01 Datasheet
72Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
12-Dec-13
More results

Similar Description - FGP10B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
HER501G SUNMATE-HER501G Datasheet
282Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
HER601G SUNMATE-HER601G Datasheet
342Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
EGL41A SUNMATE-EGL41A Datasheet
425Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
HER101G SUNMATE-HER101G Datasheet
382Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
HER301G SUNMATE-HER301G Datasheet
380Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
BYM12-50 SUNMATE-BYM12-50 Datasheet
332Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
UF1000 SUNMATE-UF1000 Datasheet
274Kb / 2P
ULTRAFAST GLASS PASSIVATED RECTIFIER DIODES
FGP20B SUNMATE-FGP20B Datasheet
364Kb / 2P
GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
FGP30B SUNMATE-FGP30B Datasheet
319Kb / 2P
GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com