Electronic Components Datasheet Search
  English  ▼

X  

MMT05B23 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMT05B23
Description  Thyristor Surge Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT05B23 Datasheet(HTML) 2 Page - ON Semiconductor

  MMT05B23 Datasheet HTML 1Page - ON Semiconductor MMT05B23 Datasheet HTML 2Page - ON Semiconductor MMT05B23 Datasheet HTML 3Page - ON Semiconductor MMT05B23 Datasheet HTML 4Page - ON Semiconductor MMT05B23 Datasheet HTML 5Page - ON Semiconductor MMT05B23 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMT05B230T3, MMT05B260T3, MMT05B310T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Operating Temperature Range
Blocking or Conducting State
TJ1
− 40 to + 125
°C
Overload Junction Temperature − Maximum Conducting State Only
TJ2
+ 175
°C
Instantaneous Peak Power Dissipation (Ipk = 50 A, 10x1000 µsec @ 25°C)
PPK
2000
W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Devices are bidirectional. All electrical parameters apply to forward and reverse polarities.
Characteristics
Symbol
Min
Typ
Max
Unit
Breakover Voltage (Both polarities)
(dv/dt = 100 V/
µs, ISC = 1.0 A, Vdc = 1000 V)
MMT05B230T3
MMT05B260T3
MMT05B310T3
(+65
°C)
MMT05B230T3
MMT05B260T3
MMT05B310T3
V(BO)
−
−
−
−
−
−
−
−
−
−
−
−
265
320
365
280
340
400
Volts
Breakover Voltage (Both polarities)
(f = 60 Hz, ISC = 1.0 A(rms), VOC = 1000 V(rms),
MMT05B230T3
RI = 1.0 kΩ, t = 0.5 cycle) (Note 3.)
MMT05B260T3
MMT05B310T3
(+65
°C)
MMT05B230T3
MMT05B260T3
MMT05B310T3
V(BO)
−
−
−
−
−
−
−
−
−
−
−
−
265
320
365
280
340
400
Volts
Breakover Voltage Temperature Coefficient
dV(BO)/dTJ
−
0.08
−
%/
°C
Breakdown Voltage (I(BR) = 1.0 mA) Both polarities
MMT05B230T3
MMT05B260T3
MMT05B310T3
V(BR)
−
−
−
190
240
280
−
−
−
Volts
Off State Current (VD1 = 50 V) Both polarities
Off State Current (VD2 = VDM) Both polarities
ID1
ID2
−
−
−
−
2.0
5.0
µA
On−State Voltage (IT = 1.0 A)
(PW
≤ 300 µs, Duty Cycle ≤ 2%) (Note 3.)
VT
−
1.53
3.0
Volts
Breakover Current (f = 60 Hz, VDM = 1000 V(rms), RS = 1.0 kΩ)
Both polarities
IBO
−
230
−
mA
Holding Current (Both polarities)
(Note 3.)
VS = 500 Volts; IT (Initiating Current) = "1.0 Amp
IH
150
340
−
mA
Critical Rate of Rise of Off−State Voltage
(Linear waveform, VD = Rated VBR, TJ = 25°C)
dv/dt
2000
−
−
V/
µs
Capacitance (f = 1.0 MHz, 50 Vdc, 1.0 V rms Signal)
Capacitance (f = 1.0 MHz, 2.0 Vdc, 15 mV rms Signal)
CO
−
−
22
53
−
75
pF
3. Measured under pulse conditions to reduce heating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com