Electronic Components Datasheet Search
  English  ▼

X  

MB24S Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MB24S
Description  Surface Mount Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB24S Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MB24S Datasheet HTML 1Page - Bruckewell Technology LTD MB24S Datasheet HTML 2Page - Bruckewell Technology LTD MB24S Datasheet HTML 3Page - Bruckewell Technology LTD MB24S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MB22S-210S
Surface Mount Schottky Bridge Rectifiers
REVERSE VOLTAGE: 20 - 100 V
Publication Order Number: [MB22S-210S]
© Bruckewell Technology Corporation Rev. A -2014
Features
• High Temperature Soldering Guaranteed:260 C/10
Second
• Saves Space On Printed Circuit Board
• RoHS compliant package
Mechanical Characteristics
• Case: MBS
• Epoxy: UL94V-O rate flame retardant
• Lead: Lead Formed for Surface Mount
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
MB22S
MB24S
MB26S
MB28S
MB210S
Unit
Maximum recurrent peak reverse voltage
VRRM
20
40
60
80
100
V
Maximum RMS voltage
VRMS
14
28
42
56
70
V
Maximum DC blocking voltage
VDC
20
40
60
80
100
V
Maximum average forward rectified
Current
Total device
IF(AV)
2
A
Peak forward surge current
8.3ms single half sine-wave
superimposed
on rated load (JEDEC Method)
IFSM
50
A
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C


Similar Part No. - MB24S

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MB24S CHENDA-MB24S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB24S YFWDIODE-MB24S Datasheet
433Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Micro Commercial Compon...
MB24S MCC-MB24S Datasheet
281Kb / 3P
2 Amp Surface Mount Rectifier 20 to 100 Volts Schottky Bridge
logo
Microdiode Semiconducto...
MB24S CHENDA-MB24S Datasheet
424Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB24S YFWDIODE-MB24S Datasheet
499Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB24S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S Datasheet
143Kb / 2P
Surface Mount Schottky-Bridge Rectifiers
CS10S DIOTEC-CS10S_07 Datasheet
115Kb / 2P
Surface Mount Schottky-Bridge-Rectifiers
logo
Bruckewell Technology L...
MB12S BWTECH-MB12S_15 Datasheet
443Kb / 4P
Surface Mount Schottky Bridge Rectifiers
logo
Guangdong Juxing Electr...
KMB12J JUXING-KMB12J Datasheet
755Kb / 3P
Surface Mount Schottky Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
MB14F-PJ PJSEMI-MB14F-PJ Datasheet
253Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F_V01 Datasheet
1Mb / 2P
Surface Mount Schottky Bridge Rectifiers
KMB12J JUXING-KMB12J_V01 Datasheet
957Kb / 3P
Surface Mount Schottky Bridge Rectifiers
KMB22F JUXING-KMB22F_V01 Datasheet
951Kb / 2P
Surface Mount Schottky Bridge Rectifiers
logo
Shanghai Leiditech Elec...
KMB12F-S LEIDITECH-KMB12F-S Datasheet
706Kb / 3P
Surface Mount Schottky Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com