Electronic Components Datasheet Search
  English  ▼

X  

DS7820 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7820
Description  Dual Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7820 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS7820 Datasheet HTML 1Page - National Semiconductor (TI) DS7820 Datasheet HTML 2Page - National Semiconductor (TI) DS7820 Datasheet HTML 3Page - National Semiconductor (TI) DS7820 Datasheet HTML 4Page - National Semiconductor (TI) DS7820 Datasheet HTML 5Page - National Semiconductor (TI) DS7820 Datasheet HTML 6Page - National Semiconductor (TI) DS7820 Datasheet HTML 7Page - National Semiconductor (TI) DS7820 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
8.0V
Common-Mode Voltage
±20V
Differential Input Voltage
±20V
Strobe Voltage
8.0V
Output Sink Current
50 mA
Storage Temperature Range
−65˚C to 150˚C
Maximum Power Dissipation (Note 2) at 25˚C
Cavity Package
Molded Package
1308 mW
1207 mW
Lead Temperature (Soldering, 4 sec.)
260˚C
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
DS7820A
4.5
5.5
V
DS8820A
4.75
5.25
V
Temperature (T
A)
DS7820A
−55
+125
˚C
DS8820A
0
+70
˚C
Note 2: Derate cavity package 8.7 mW/˚C above 25˚C; derate molded pack-
age 9.7 mW/˚C above 25˚C.
Electrical Characteristics (Notes 4, 5, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
TH
Differential Threshold Voltage
I
OUT = −400 µA,
−3V
≤ V
CM ≤ +3V
0.06
0.5
V
V
OUT ≥ 2.5V
−15V
≤ V
CM ≤ +15V
0.06
1.0
V
I
OUT = +16 mA,
−3V
≤ V
CM ≤ +3V
−0.08
−0.5
V
V
OUT ≤ 0.4V
−15V
≤ V
CM ≤ +15V
−0.08
−1.0
V
R
I−
Inverting Input Resistance
−15V
≤ V
CM ≤ +15V
3.6
5
k
Ω
R
I+
Non-Inverting Input Resistance
−15V
≤ V
CM ≤ +15V
1.8
2.5
k
Ω
R
T
Line Termination Resistance
T
A = 25˚C
120
170
250
Ω
I
I−
Inverting Input Current
V
CM = 15V
3.0
4.2
mA
V
CM = 0V
0
−0.5
mA
V
CM = −15V
−3.0
−4.2
mA
I
I+
Non-Inverting Input Current
V
CM = 15V
5.0
7.0
mA
V
CM = 0V
−1.0
−1.6
mA
V
CM = −15V
−7.0
−9.8
mA
I
CC
Power Supply Current
One Side Only
I
OUT = Logical “0”
V
DIFF = −1V
V
CM = 15V
3.9
6.0
mA
V
CM = −15V
9.2
14.0
mA
V
DIFF = −0.5V, VCM = 0V
6.5
10.2
mA
V
OH
Logical “1” Output Voltage
I
OUT = −400 µA, VDIFF = 1V
2.5
4.0
5.5
V
V
OL
Logical “0” Output Voltage
I
OUT = +16 mA, VDIFF = −1V
0
0.22
0.4
V
V
SH
Logical “1” Strobe Input Voltage
I
OUT = +16 mA, VOUT ≤ 0.4V, VDIFF = −3V
2.1
V
V
SL
Logical “0” Strobe Input Voltage
I
OUT = −400 µA, VOUT ≥ 2.5V, VDIFF = −3V
0.9
V
I
SH
Logical “1” Strobe Input Current
V
STROBE = 5.5V, VDIFF = 3V
0.01
5.0
µA
I
SL
Logical “0” Strobe Input Current
V
STROBE = 0.4V, VDIFF = −3V
−1.0
−1.4
mA
I
SC
Output Short Circuit Current
V
O = 0V, VCC = 5.5V, VSTROBE = 0V
−2.8
−4.5
−6.7
mA
Note 3: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 4: These specifications apply for 4.5V
≤ VCC ≤ 5.5V, −15V ≤ VCM ≤ 15V and −55˚C ≤ TA ≤ +125˚C for the DS7820A or 4.75V ≤ VCC ≤ 5.25V, 0˚C ≤ TA ≤ +70˚C
for the DS8820A unless otherwise specified. Typical values given are for VCC = 5.0V, TA = 25˚C and VCM = 0V unless stated differently.
Note 5: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 6: Only one output at a time should be shorted.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com