Electronic Components Datasheet Search
  English  ▼

X  

INA143 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA143
Description  DIFFERENCE AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA143 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA143 Datasheet HTML 2Page - Texas Instruments INA143 Datasheet HTML 3Page - Texas Instruments INA143 Datasheet HTML 4Page - Texas Instruments INA143 Datasheet HTML 5Page - Texas Instruments INA143 Datasheet HTML 6Page - Texas Instruments INA143 Datasheet HTML 7Page - Texas Instruments INA143 Datasheet HTML 8Page - Texas Instruments INA143 Datasheet HTML 9Page - Texas Instruments INA143 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
®
INA143, INA2143
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, G = 10, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
VOLTAGE NOISE DENSITY vs FREQUENCY
Frequency (Hz)
1
100
1k
10
10k
100
10
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
25
50
75
100
0
125
1400
1300
1200
1100
1000
900
800
700
Per Amplifier
SLEW RATE vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
25
50
75
100
0
125
7
6
5
4
3
–SR
+SR
V
S = ±15V
V
S = ±5V
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
25
50
75
100
0
125
40
35
30
25
20
15
+I
SC
+I
SC
–I
SC
–I
SC
V
S = ±15V
V
S = ±5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
±15
±20
±25
±30
±10
±5
±35
–40
°C
25
°C
85
°C
85
°C
25
°C
–40
°C
V+
(V+) –5
(V+) –10
0
(V–) +10
(V–) +5
(V–)
0.1Hz TO 10Hz PEAK-TO-PEAK
VOLTAGE NOISE
500
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com