Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 1 Page - Texas Instruments

  INA240 Datasheet HTML 1Page - Texas Instruments INA240 Datasheet HTML 2Page - Texas Instruments INA240 Datasheet HTML 3Page - Texas Instruments INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Time(uS)
-1
0
1
2
3
4
5
6
7
8
9
-40
-5.6
-20
-4.8
0
-4
20
-3.2
40
-2.4
60
-1.6
80
-0.8
100
0
120
0.8
140
1.6
160
2.4
180
3.2
200
4
220
4.8
240
5.6
260
6.4
280
7.2
300
8
Common Mode Step
INA240 Vout
+
Supply
(2.7V to 5.5V)
IN+
IN-
REF1
REF2
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
INA240
SBOS662 – JULY 2016
INA240 Wide Common-Mode Range, Voltage Output,
High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
1
1 Features
1
•
Enhanced PWM Rejection
•
Excellent CMRR
–
> 120-dB DC CMRR
–
93-dB AC CMRR at 50 kHz
•
Wide Common-Mode Range: –4 V to 80 V
•
Accuracy:
–
Gain:
–
Gain Error: 0.25% (max)
–
Gain Drift: 10 ppm/°C (max)
–
Offset:
–
Offset Voltage: ±100 μV
–
Offset Drift: 0.3 μV/°C (max)
•
Available Gains:
–
INA240A1: 20 V/V
–
INA240A2: 50 V/V
–
INA240A3: 100 V/V
–
INA240A4: 200 V/V
•
Quiescent Current: 2.5 mA (max)
2 Applications
•
Motor Controls
•
Solenoid and Valve Controls
•
Power Management
•
Actuator Controls
•
Pressure Regulators
•
Telecom Equipment
3 Description
The
INA240
is
a
voltage-output,
current-sense
amplifier with enhanced PWM rejection that can
sense drops across shunt resistors over a wide
common-mode voltage range from –4 V to 80 V,
independent of the supply voltage. The negative
common-mode voltage allows the device to operate
below ground, accommodating the flyback period of
typical
solenoid
applications.
Enhanced
PWM
rejection provides high levels of suppression for large
common-mode transients (dV/dt) in systems that use
pulse width modulation (PWM) signals (such as motor
drives and solenoid control systems). This feature
allows for accurate current measurements without
large transients and associated recovery ripple on the
output voltage.
This device operates from a single 2.7-V to 5.5-V
power supply, drawing a maximum of 2.5 mA of
supply current. Four fixed gains are available: 20 V/V,
50 V/V, 100 V/V, and 200 V/V. The low offset of the
zero-drift architecture enables current sensing with
maximum drops across the shunt as low as 10-mV
full-scale. All versions are specified over the extended
operating temperature range (–40°C to +125°C), and
are offered in an 8-pin TSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA240
TSSOP (8)
3.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Enhanced PWM Rejection


Similar Part No. - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 34P
Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI2-INA240 Datasheet
1Mb / 39P
INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED DECEMBER 2021
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
More results

Similar Description - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282 Datasheet
706Kb / 31P
High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA283 TI-INA283_15 Datasheet
1Mb / 36P
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com