Electronic Components Datasheet Search
  English  ▼

X  

INA331IDGK Datasheet(PDF) 1 Page - Texas Instruments

Part # INA331IDGK
Description  INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA331IDGK Datasheet(HTML) 1 Page - Texas Instruments

  INA331IDGK Datasheet HTML 1Page - Texas Instruments INA331IDGK Datasheet HTML 2Page - Texas Instruments INA331IDGK Datasheet HTML 3Page - Texas Instruments INA331IDGK Datasheet HTML 4Page - Texas Instruments INA331IDGK Datasheet HTML 5Page - Texas Instruments INA331IDGK Datasheet HTML 6Page - Texas Instruments INA331IDGK Datasheet HTML 7Page - Texas Instruments INA331IDGK Datasheet HTML 8Page - Texas Instruments INA331IDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
INA331
INA2331
SBOS215C – DECEMBER 2001 – REVISED APRIL 2005
DESCRIPTION
The INA331 and INA2331 are rail-to-rail output, low-power
CMOS instrumentation amplifiers that offer wide range, single-
supply operation as well as bipolar-supply operation. The
INA331 family provides low-cost, low-noise amplification of
differential signals with a low quiescent current of 415
µA
(dropping to 0.01
µA when shutdown). Returning to normal
operation within microseconds, this INA can be used for
battery or multi-channel applications.
Configured internally in a gain of 5V/V, the INA331 offers
flexibility in higher gains by choosing external resistors.
FEATURES
q DESIGNED FOR LOW COST
q HIGH GAIN ACCURACY: G = 5, 0.02%, 2ppm/
°C
q GAIN SET WITH EXT. RESISTORS FOR > 5V/V
q LOW OFFSET VOLTAGE:
±250µV
q HIGH CMRR: 94dB DC, 50dB at 45kHz
q LOW BIAS CURRENT: 0.5pA
q BANDWIDTH, SLEW RATE: 2.0MHz, 5V/
µs
q RAIL-TO-RAIL OUTPUT SWING: (V+) – 0.02V
q WIDE TEMPERATURE RANGE: –55
°C to +125°C
q LOW QUIESCENT CURRENT: 490
µA max/chan
q SHUT DOWN: 0.01
µA
q MSOP-8 SINGLE AND TSSOP-14 DUAL PACKAGES
Copyright © 2001-2005, Texas Instruments Incorporated
Low-Power, Single-Supply, CMOS
INSTRUMENTATION AMPLIFIERS
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q INDUSTRIAL SENSOR AMPLIFIERS:
Bridge, RTD, Thermocouple, Position
q PHYSIOLOGICAL AMPLIFIERS:
ECG, EEG, EMG
q A/D CONVERTER SIGNAL CONDITIONING
q DIFFERENTIAL LINE RECEIVERS WITH GAIN
q FIELD UTILITY METERS
q PCMCIA CARDS
q AUDIO AMPLIFIERS
q COMMUNICATION SYSTEMS
q TEST EQUIPMENT
q AUTOMOTIVE INSTRUMENTATION
The INA331 rejects line noise and its harmonics, because
common-mode error remains low even at higher frequencies.
High bandwidth and slew rate makes the INA331 ideal for
directly driving sampling Analog-to-Digital (A/D) converters
as well as general-purpose applications.
With high precision, low cost, and small packages, the
INA331 outperforms discrete designs. They are specified for
a wide temperature range of –55
°C to +125°C.
A2
A1
A3
40k
Ω
V
REF
V
IN–
V
IN+
10k
Ω
10k
Ω
Shutdown
V+
V
OUT
G = 5 + (5R
2/R1)
V–
R
2
R
1
R
G
40k
Ω
Ch A
INA2331
INA331
Ch B
®
INA2
331
INA3
31
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
www.ti.com
All trademarks are the property of their respective owners.


Similar Part No. - INA331IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA331IDGK TI2-INA331IDGK Datasheet
638Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED APRIL 2005
INA331IDGK TI2-INA331IDGK Datasheet
639Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED APRIL 2005
INA331IDGKR TI-INA331IDGKR Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
INA331IDGKR TI2-INA331IDGKR Datasheet
638Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED APRIL 2005
INA331IDGKR TI2-INA331IDGKR Datasheet
639Kb / 24P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
REVISED APRIL 2005
More results

Similar Description - INA331IDGK

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
Video Instrumentation Amplifiers
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
Video Instrumentation Amplifiers
January 1996
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA332 TI1-INA332 Datasheet
994Kb / 22P
INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com