Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122P
Description  Precision Lowest-Cost Isolation Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO122P Datasheet(HTML) 3 Page - Texas Instruments

  ISO122P Datasheet HTML 1Page - Texas Instruments ISO122P Datasheet HTML 2Page - Texas Instruments ISO122P Datasheet HTML 3Page - Texas Instruments ISO122P Datasheet HTML 4Page - Texas Instruments ISO122P Datasheet HTML 5Page - Texas Instruments ISO122P Datasheet HTML 6Page - Texas Instruments ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
16
15
10
9
7
8
+V
S1
–V
S1
V
OUT
Gnd 2
Gnd 1
V
IN
–V
S2
+V
S2
1
2
28
27
16
15
13
14
+V
S1
–V
S1
V
OUT
Gnd 2
Gnd 1
V
IN
–V
S2
+V
S2
ISO122
www.ti.com
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
6 Pin Configuration and Functions
16 Pins PDIP
28 Pins SOIC
NVF Package
DVA Package
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
PDIP
SOIC
GND
8
14
-
Low-side ground reference
GND
16
28
-
High-side ground reference
VIN
15
27
I
High-side analog input
VOUT
7
13
O
Low-side analog output
+VS1
1
1
-
High-side positive analog supply
-VS1
2
2
-
High-side negative analog supply
+VS2
9
15
-
Low-side positive analog supply
-VS2
10
16
-
Low-side negative analog supply
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com