Electronic Components Datasheet Search
  English  ▼

X  

ISO7310C Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7310C
Description  Robust EMC, Low Power, Single Channel Digital Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7310C Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7310C Datasheet HTML 3Page - Texas Instruments ISO7310C Datasheet HTML 4Page - Texas Instruments ISO7310C Datasheet HTML 5Page - Texas Instruments ISO7310C Datasheet HTML 6Page - Texas Instruments ISO7310C Datasheet HTML 7Page - Texas Instruments ISO7310C Datasheet HTML 8Page - Texas Instruments ISO7310C Datasheet HTML 9Page - Texas Instruments ISO7310C Datasheet HTML 10Page - Texas Instruments ISO7310C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISO7310C, ISO7310FC
www.ti.com
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
6.7 Electrical Characteristics
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 9
VCC2 – 0.5
3
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 9
VCC2 – 0.1
3.3
IOL = 4 mA; see Figure 9
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 9
0
0.1
VI(HYS)
Input threshold voltage hysteresis
450
mV
IIH
High-level input current
IN = VCC
10
μA
IIL
Low-level input curre
IN = 0 V
-10
μA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 11
25
50
kV/
μs
SUPPLY CURRENT (All inputs switching with square wave clock signal for dynamic ICC measurement)
ICC1
0.2
0.4
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
1.2
1.8
ICC1
0.3
0.5
Supply current for VCC1 and VCC2
10 Mbps
CL = 15pF
mA
ICC2
1.6
2.2
ICC1
0.5
0.8
25 Mbps
CL = 15pF
ICC2
2.1
3
6.8 Switching Characteristics
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
22
36
67
ns
See Figure 9
PWD(1)
Pulse width distortion |tPHL – tPLH|
3.5
ns
tsk(pp)
(2)
Part-to-part skew time
28
ns
tr
Output signal rise time
3.2
ns
See Figure 9
tf
Output signal fall time
2.7
ns
tfs
Fail-safe output delay time from input power loss
See Figure 10
7.4
μs
(1)
Also known as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7310C ISO7310FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com