Electronic Components Datasheet Search
  English  ▼

X  

ISO7820F Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7820F
Description  High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7820F Datasheet(HTML) 2 Page - Texas Instruments

  ISO7820F Datasheet HTML 1Page - Texas Instruments ISO7820F Datasheet HTML 2Page - Texas Instruments ISO7820F Datasheet HTML 3Page - Texas Instruments ISO7820F Datasheet HTML 4Page - Texas Instruments ISO7820F Datasheet HTML 5Page - Texas Instruments ISO7820F Datasheet HTML 6Page - Texas Instruments ISO7820F Datasheet HTML 7Page - Texas Instruments ISO7820F Datasheet HTML 8Page - Texas Instruments ISO7820F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
ISO7820, ISO7820F
SLLSEP0A – JULY 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ISO7820 ISO7820F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ..................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Power Dissipation Characteristics ............................ 6
6.6
Electrical Characteristics, 5 V ................................... 7
6.7
Electrical Characteristics, 3.3 V ................................ 7
6.8
Electrical Characteristics, 2.5 V ................................ 8
6.9
Switching Characteristics, 5 V .................................. 9
6.10
Switching Characteristics, 3.3 V ............................. 9
6.11
Switching Characteristics, 2.5 V ........................... 10
6.12
Typical Characteristics .......................................... 11
7
Parameter Measurement Information ................ 12
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 15
8.4
Device Functional Modes........................................ 19
9
Applications and Implementation ...................... 21
9.1
Application Information............................................ 21
9.2
Typical Application .................................................. 21
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 24
11.1
PCB Material ......................................................... 24
11.2
Layout Guidelines ................................................. 24
11.3
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Documentation Support ........................................ 25
12.2
Related Links ........................................................ 25
12.3
Community Resources.......................................... 25
12.4
Trademarks ........................................................... 25
12.5
Electrostatic Discharge Caution ............................ 25
12.6
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (July 2015) to Revision A
Page
•
Changed the Safety and Regulatory Approvals list of Features ........................................................................................... 1
•
Changed Features From: 8000 VPK VIOTM and 2121 VPK VIORM Reinforced..To: 8000 VPK Reinforced.................................. 1
•
Added Features "TUV Certification per EN 61010-1 and EN 60950-1" ................................................................................ 1
•
Added package: Extra wide SOIC, DWW (16) to the Device Information table .................................................................... 1
•
Changed text in the first paragraph of the Description From: "certifications according to VDE, CSA, and CQC". To:
"certifications according to VDE, CSA, CQC, and TUV." ...................................................................................................... 1
•
Changed the Simplified Schematic ........................................................................................................................................ 1
•
Added the DWW pinout image .............................................................................................................................................. 4
•
Added the DWW package to the Thermal Information .......................................................................................................... 6
•
Changed the Supply Current section of the Electrical Characteristics, 5 V to include the DWW package information ........ 7
•
Deleted Note 1 From the Electrical Characteristics, 5 V ....................................................................................................... 7
•
Changed the Supply Current section of the Electrical Characteristics, 3.3 V to include the DWW package
information ............................................................................................................................................................................. 7
•
Deleted Note 1 From the Electrical Characteristics, 3.3 V .................................................................................................... 8
•
Changed the Supply Current section of the Electrical Characteristics, 2.5 V to include the DWW package
information ............................................................................................................................................................................. 8
•
Deleted Note 1 From the Electrical Characteristics, 2.5 V .................................................................................................... 9
•
Added "Channel-to-channel output skew time" to Switching Characteristics, 5 V ................................................................. 9
•
Added "Channel-to-channel output skew time" to Switching Characteristics, 3.3 V .............................................................. 9
•
Added "Channel-to-channel output skew time" to Switching Characteristics, 2.5 V ............................................................ 10
•
Added Note: "This coupler..." to the High Voltage Feature Description section ................................................................. 15
•
Changed the Table 1, added DWW package information .................................................................................................... 15
•
Added Note 1 to Table 2 ..................................................................................................................................................... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com