Electronic Components Datasheet Search
  English  ▼

X  

ISO7342CDW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7342CDW
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7342CDW Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7342CDW Datasheet HTML 12Page - Texas Instruments ISO7342CDW Datasheet HTML 13Page - Texas Instruments ISO7342CDW Datasheet HTML 14Page - Texas Instruments ISO7342CDW Datasheet HTML 15Page - Texas Instruments ISO7342CDW Datasheet HTML 16Page - Texas Instruments ISO7342CDW Datasheet HTML 17Page - Texas Instruments ISO7342CDW Datasheet HTML 18Page - Texas Instruments ISO7342CDW Datasheet HTML 19Page - Texas Instruments ISO7342CDW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Free-Air Temperature (qC)
-40
-5
30
65
100
135
15
17
19
21
23
25
27
29
D007
tGS at 3.3 V
tGS at 5 V
Data Rate (Mbps)
0
5
10
15
20
25
0
20
40
60
80
100
120
140
D008
Output Jitter at 3.3 V
Output Jitter at 5 V
Free-Air Temperature (qC)
-50
0
50
100
150
2.32
2.34
2.36
2.38
2.4
2.42
2.44
2.46
D005
VCC Rising
VCC Falling
Free-Air Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
28
30
32
34
36
38
40
42
D006
tPHL at 3.3 V
tPHL at 5 V
tPLH at 3.3 V
tPLH at 5 V
High-Level Output Current (mA)
-15
-10
-5
0
0
1
2
3
4
5
6
D003
VCC at 3.3 V
VCC at 5 V
Low-Level Output Current (mA)
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
D004
VCC at 3.3 V
VCC at 5 V
16
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C
Figure 8. High-Level Output Voltage vs High-level Output
Current
TA = 25°C
Figure 9. Low-Level Output Voltage vs Low-Level Output
Current
Figure 10. Power Supply Undervoltage Threshold vs Free-
Air Temperature
Figure 11. Propagation Delay Time vs Free-Air Temperature
Figure 12. Input Glitch Suppression Time vs Free-Air
Temperature
TA = 25°C
Figure 13. Output Jitter vs Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com