Electronic Components Datasheet Search
  English  ▼

X  

ISO7831F Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7831F
Description  High-Performance, 8000-VPK Reinforced Triple Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7831F Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7831F Datasheet HTML 17Page - Texas Instruments ISO7831F Datasheet HTML 18Page - Texas Instruments ISO7831F Datasheet HTML 19Page - Texas Instruments ISO7831F Datasheet HTML 20Page - Texas Instruments ISO7831F Datasheet HTML 21Page - Texas Instruments ISO7831F Datasheet HTML 22Page - Texas Instruments ISO7831F Datasheet HTML 23Page - Texas Instruments ISO7831F Datasheet HTML 24Page - Texas Instruments ISO7831F Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
VCC1
VCC2
GND1
GND2
16
13
12
2, 8
9, 15
UCA0RXD
P3.0
UCA0TXD
16
11
15
4
XOUT
XIN
5
6
2
MSP430F2132
1
3
4
5
7
0.1 F
0.1 F
ISO7831
ISO Barrier
4.7 nF / 2 kV
SM712
10
MELF
0.1 F
DVSS
DVCC
10 F
0.1 F
MBR0520L
MBR0520L
1:2.2
0.1 F
3
1
D2
SN6501
D1
Vcc
4, 5
2
GND
IN
EN
GND
OUT
1
5
2
3
TPS76350
10 F
10 F
10
MELF
VIN
3.3 V
5VISO
INA
INB
OUTC
EN1
OUTA
OUTB
INC
SN65HVD3082E
RE
DE
D
R
EN2
14
10
1
4
3
2
B
A
VCC
GND
0.1 F
Copyright © 2016, Texas Instruments Incorporated
21
ISO7831, ISO7831F
www.ti.com
SLLSEP8B – JULY 2015 – REVISED JUNE 2016
Product Folder Links: ISO7831 ISO7831F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The ISO7831x device is a high-performance, triple-channel digital isolator with 5.7-kVRMS isolation voltage. The
device comes with enable pins on each side which can be used to put the respective outputs in high impedance
for multi-master driving applications and reduce power consumption. The ISO7831x device uses single-ended
CMOS-logic switching technology. The supply voltage range is from 2.25 V to 5.5 V for both supplies, VCC1 and
VCC2. When designing with digital isolators, keep in mind that because of the single-ended design structure,
digital isolators do not conform to any specific interface standard and are only intended for isolating single-ended
CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that is, μC or
UART), and a data converter or a line transceiver, regardless of the interface type or standard.
9.2 Typical Application
Figure 20 shows the isolated RS-485 interface application circuit.
Figure 20. Isolated RS-485 Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com