Electronic Components Datasheet Search
  English  ▼

X  

ESD9FN24C Datasheet(PDF) 3 Page - Formosa MS

Part # ESD9FN24C
Description  Chip Transient Voltage Suppressor ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ESD9FN24C Datasheet(HTML) 3 Page - Formosa MS

  ESD9FN24C Datasheet HTML 1Page - Formosa MS ESD9FN24C Datasheet HTML 2Page - Formosa MS ESD9FN24C Datasheet HTML 3Page - Formosa MS ESD9FN24C Datasheet HTML 4Page - Formosa MS ESD9FN24C Datasheet HTML 5Page - Formosa MS ESD9FN24C Datasheet HTML 6Page - Formosa MS ESD9FN24C Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bi-Directional TVS
Typical characteristics (at T =25 C unless otherwise noted)
A
o
V : Clamping Voltage @ I
I
: Maximum Reverse Peak Pulse Current
V
:
Reverse
voltage
I : Maximum Reverse Leakage Current @V
V
: Breakdown voltage @I
I : Test Current
P
: Peak Pulse Power
C : Max. Capacitance @V = 0V and f = 1MHz
CPP
PP
RWM
R
RWM
BR
T
T
PP
R
Working
J
Maximum
Formosa MS
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
V
RWM
V
BR
I
R
I
T
V
I
V
C
I
PP
I
R
I
T
I
PP
V
RWM V BR V C
Chip Transient Voltage Suppressor ESD Protection
ESD9FN24C
7
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121807
A
2015/12/11
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com