Electronic Components Datasheet Search
  English  ▼

X  

KBU810 Datasheet(PDF) 1 Page - Formosa MS

Part # KBU810
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

KBU810 Datasheet(HTML) 1 Page - Formosa MS

  KBU810 Datasheet HTML 1Page - Formosa MS KBU810 Datasheet HTML 2Page - Formosa MS KBU810 Datasheet HTML 3Page - Formosa MS KBU810 Datasheet HTML 4Page - Formosa MS KBU810 Datasheet HTML 5Page - Formosa MS KBU810 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1
Bridge Rectifier
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
KBU8005 THRU KBU810
Document ID
Issued Date
Revised Date
Revision
Page.
DS-242145
2009/08/10
2010/03/10
B
6
1
2
2
2
2
3
4
4
4
5
6
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
T
..............................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
ube packing & Bulk packing
Mechanical data...............................................................................


Similar Part No. - KBU810

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU810 WTE-KBU810 Datasheet
42Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU810 JGD-KBU810 Datasheet
139Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU810 FUJI-KBU810 Datasheet
641Kb / 1P
8 AMP SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU810 WTE-KBU810 Datasheet
50Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
First Components Intern...
KBU810 FCI-KBU810 Datasheet
173Kb / 2P
8.0 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - KBU810

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com